Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1060CT Datasheet(PDF) 2 Page - Littelfuse

Part # MBRB1060CT
Description  Low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRB1060CT Datasheet(HTML) 2 Page - Littelfuse

  MBRB1060CT Datasheet HTML 1Page - Littelfuse MBRB1060CT Datasheet HTML 2Page - Littelfuse MBRB1060CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:01/20/16
MBRB1060CT 2x 5A, 60V,TO-263 Common Cathode
Figure 1:Typical Forward Characteristics
Figure 2:Typical Reverse Characteristics
Figure 3:Typical Junction Capacitance
Thermal-Mechanical Specifications
Parameters
Symbol
Test Conditions
Max
Unit
Junction Temperature
T
J
-55 to +150
°C
Storage Temperature
T
stg
-55 to +150
°C
Maximum Thermal Resistance
Junction to Case
R
thJC
DC operation
2.0
°C/W
Maximum Thermal Resistance,
Case to Heat Sink
R
thJA
DC operation
1.2
°C/W
Approximate Weight
wt
2
g
Case Style
D2PAK (TO-263)


Similar Part No. - MBRB1060CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBRB1060CT BILIN-MBRB1060CT Datasheet
337Kb / 2P
   2SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBRB1060CT MCC-MBRB1060CT Datasheet
247Kb / 3P
   10 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Sangdest Microelectroni...
MBRB1060CT SMC-MBRB1060CT Datasheet
132Kb / 6P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1060CT GOOD-ARK-MBRB1060CT Datasheet
549Kb / 7P
   Product Specification
logo
Surge Components
MBRB1060CT SURGE-MBRB1060CT Datasheet
381Kb / 5P
   Schottky Barrier Rectifier
More results

Similar Description - MBRB1060CT

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com