Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS_M390S2858CT1 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # DS_M390S2858CT1
Description   SDRAM DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_M390S2858CT1 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button DS_M390S2858CT1 Datasheet HTML 4Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 5Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 6Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 7Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 8Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 9Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 10Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 11Page - Samsung semiconductor DS_M390S2858CT1 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. 0.1 Sept. 2001
M390S2858CT1
PC133 Registered DIMM
Byte #
Function described
Function Supported
Hex value
Note
-7C
-7A
-7C
-7A
0
# of bytes written into serial memory at module manufacturer
128bytes
80h
1
Total # of bytes of SPD memory device
256bytes (2K-bit)
08h
2
Fundamental memory type
SDRAM
04h
3
# of row address on this assembly
13
0Dh
1
4
# of column address on this assembly
11
0Bh
1
5
# of module Rows on this assembly
2 Rows
02h
6
Data width of this assembly
72 bits
48h
7
...... Data width of this assembly
-
00h
8
Voltage interface standard of this assembly
LVTTL
01h
9
SDRAM cycle time from clock @CAS latency of 3
7.5ns
75h
2
10
SDRAM access time from clock @CAS latency of 3
5.4ns
54h
2
11
DIMM configuration type
ECC
02h
12
Refresh rate & type
7.8us, support self refresh
82h
13
Primary SDRAM width
x4
04h
14
Error checking SDRAM width
x4
04h
15
Minimum clock delay for back-to-back random column address
tCCD = 1CLK
01h
16
SDRAM device attributes : Burst lengths supported
1, 2, 4, 8 & full page
8Fh
17
SDRAM device attributes : # of banks on SDRAM device
4 banks
04h
18
SDRAM device attributes : CAS latency
2 & 3
06h
19
SDRAM device attributes : CS latency
0 CLK
01h
20
SDRAM device attributes : Write latency
0 CLK
01h
21
SDRAM module attributes
Registered/Buffered DQM,
address & control inputs and
On-card PLL
1Fh
22
SDRAM device attributes : General
+/- 10% voltage tolerance,
Burst Read Single bit Write
precharge all, auto precharge
0Eh
23
SDRAM cycle time @CAS latency of 2
7.5ns
10ns
75h
A0h
2
24
SDRAM access time @CAS latency of 2
5.4ns
6ns
54h
60h
2
25
SDRAM cycle time @CAS latency of 1
-
-
00h
00h
2
26
SDRAM access time @CAS latency of 1
-
-
00h
00h
2
27
Minimum row precharge time (=tRP)
15ns
20ns
0Fh
14h
28
Minimum row active to row active delay (tRRD)
15ns
15ns
0Fh
0Fh
29
Minimum RAS to CAS delay (=tRCD)
15ns
20ns
0Fh
14h
30
Minimum activate precharge time (=tRAS)
45ns
45ns
2Dh
2Dh
31
Module Row density
2 Rows of 512MB
80h
32
Command and Address signal input setup time
1.5ns
15h
33
Command and Address signal input hold time
0.8ns
08h
34
Data signal input setup time
1.5ns
15h
M390S2858CT1-C7A/C7C
•Organization : 128MX72
•Composition : 128MX4 * 18ea
•Used component part # : K4S510632C-TC75/C7C
•# of banks in module : 2 Rows
•# of banks in component : 4 banks
•Feature : 1,700 mil height & double sided
•Refresh : 8K/64ms
•Contents :


Similar Part No. - DS_M390S2858CT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
More results

Similar Description - DS_M390S2858CT1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com