Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M390S2858CT1-C7C Datasheet(PDF) 2 Page - Samsung semiconductor

Part # M390S2858CT1-C7C
Description   SDRAM DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S2858CT1-C7C Datasheet(HTML) 2 Page - Samsung semiconductor

  M390S2858CT1-C7C Datasheet HTML 1Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 2Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 3Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 4Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 5Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 6Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 7Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 8Page - Samsung semiconductor M390S2858CT1-C7C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0.1 Sept. 2001
M390S2858CT1
PC133 Registered DIMM
PIN CONFIGURATION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
CKE should be enabled 1CLK+tss prior to valid command.
A0 ~ A12
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA12, Column address : CA0 ~ CA9, CA11
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM0 ~ 7
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active. (Byte masking)
REGE
Register enable
The device operates in the transparent mode when REGE is low. When REGE is high,
the device operates in the registered mode. In registered mode, the Address and con-
trol inputs are latched if CLK is held at a high or low logic level. the inputs are stored in
the latch/flip-flop on the rising edge of CLK. REGE is tied to VDD through 10K ohm
Resistor on PCB. So if REGE of module is floating, this module will be operated as reg-
istered mode.
DQ0 ~ 63
Data input/output
Data inputs/outputs are multiplexed on the same pins.
CB0 ~ 7
Check bit
Check bits for ECC.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.


Similar Part No. - M390S2858CT1-C7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C1H SAMSUNG-M390S2858CTU-C1H Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C1L SAMSUNG-M390S2858CTU-C1L Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C7A SAMSUNG-M390S2858CTU-C7A Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C7C SAMSUNG-M390S2858CTU-C7C Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
More results

Similar Description - M390S2858CT1-C7C

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com