Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL41x Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GL41x
Description  Surface Mount Glass Passivated Junction Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41x Datasheet(HTML) 2 Page - Vishay Siliconix

  GL41x Datasheet HTML 1Page - Vishay Siliconix GL41x Datasheet HTML 2Page - Vishay Siliconix GL41x Datasheet HTML 3Page - Vishay Siliconix GL41x Datasheet HTML 4Page - Vishay Siliconix GL41x Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYM10-xxx, GL41x
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-13
2
Document Number: 88546
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Max.
instantaneous
forward voltage
1.0 A
VF
1.1
1.2
V
Max. DC
reverse current
at rated DC
blocking
voltage
TA = 25 °C
IR
10
μA
TA = 125 °C
50
Typical junction
capacitance
4.0 V, 1 MHz
CJ
8.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Typical thermal resistance
RJA (1)
75
°C/W
RJT (2)
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BYM10-600-E3/96
0.114
96
1500
7" diameter plastic tape and reel
BYM10-600-E3/97
0.114
97
5000
13" diameter plastic tape and reel
GL41J-E3/96
0.114
96
1500
7" diameter plastic tape and reel
GL41J-E3/97
0.114
97
5000
13" diameter plastic tape and reel
BYM10-600HE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
BYM10-600HE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
GL41JHE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
GL41JHE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel


Similar Part No. - GL41x

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL41X VISHAY-GL41X Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 11-Dec-13
GL41X VISHAY-GL41X Datasheet
87Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
More results

Similar Description - GL41x

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
logo
Zowie Technology Corpor...
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GNOA GOOD-ARK-GNOA Datasheet
190Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL34A VISHAY-GL34A Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com