Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG300AMIL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG300AMIL
Description  CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG300AMIL Datasheet(HTML) 4 Page - Vishay Siliconix

  DG300AMIL Datasheet HTML 1Page - Vishay Siliconix DG300AMIL Datasheet HTML 2Page - Vishay Siliconix DG300AMIL Datasheet HTML 3Page - Vishay Siliconix DG300AMIL Datasheet HTML 4Page - Vishay Siliconix DG300AMIL Datasheet HTML 5Page - Vishay Siliconix DG300AMIL Datasheet HTML 6Page - Vishay Siliconix DG300AMIL Datasheet HTML 7Page - Vishay Siliconix DG300AMIL Datasheet HTML 8Page - Vishay Siliconix DG300AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG300A_MIL/301A_MIL/302A_MIL
Vishay Siliconix
www.vishay.com
4
Document Number: 71677
S-31622—Rev. C, 11-Aug-03
SPECIFICATIONSa
Test Conditions Unless Specified
Limits
Parameter
Symbol
V+ = 15 V, V - = - 15 V
VIN = 0.8 V or VIN = 4 Vf
Tempb
Minc
Typd
Maxc
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
-15
15
V
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = -10 mA
Room
Full
30
50
75
W
Source Off Leakage Current
IS(off)
VS = "14 V VD = #14 V
Room
Hot
-1
- 100
"0.1
1
100
Drain Off Leakage Current
ID(off)
VS = "14 V, VD = #14 V
Room
Hot
-1
- 100
"0.1
1
100
nA
Drain On Leakage Current
ID(on)
VD = VS = "14 V
Room
Hot
-1
- 100
"0.1
1
100
Digital Control
Input Current with
IINH
VIN = 5 V
Room
Full
-1
-1
- 0.001
Input Current with
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.001
1
1
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
-1
-1
- 0.001
Dynamic Characteristics
Turn-On Time
tON
See Figure 2
Room
150
300
Turn-Off Time
tOFF
See Figure 2
Room
130
250
ns
Break-Before-Make Time
tOPEN
DG301A_MIL Only
Figure 3
Room
50
ns
Charge Injection
Q
CL = 1 nF, Rgen = 0 W
Vgen = 0 V, Figure 4
Room
8
pC
Source-Off Capacitance
CS(off)
Room
14
Drain-Off Capacitance
CD(off)
VS, VD = 0 V, f = 1 MHz
Room
14
Channel-On Capacitance
CD(on)
S,
D
0,
Room
40
pF
Input Capacitance
Ci
f = 1 MHz
VIN = 0 V
Room
6
p
Input Capacitance
Cin
f = 1 MHz
VIN = 15 V
Room
7
Off-Isolation
OIRR
VIN = 0 V, RL = 1 kW
Room
62
dB
Crosstalk (Channel-to-Channel)
XTALK
VIN = 0 V, RL = 1 kW
VS = 1 Vrms, f = 500 kHz
Room
74
dB
Power Supplies
Positive Supply Current
I+
VIN = 4 V (One Input)
Room
Full
0.23
0.5
1
mA
Negative Supply Current
I-
VIN = 4 V (One Input)
All Others = 0 V
Room
Full
-10
- 100
- 0.001
Positive Supply Current
I+
VIN = 0 8 V (All Inputs)
Room
Full
0.001
10
100
mA
Negative Supply Current
I-
VIN = 0.8 V (All Inputs)
Room
Full
-10
- 100
- 0.001
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG300AMIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
TEMIC Semiconductors
DG300A TEMIC-DG300A Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
logo
Maxim Integrated Produc...
DG300AA MAXIM-DG300AA Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG300AMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com