Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG304AMIL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG304AMIL
Description  CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG304AMIL Datasheet(HTML) 2 Page - Vishay Siliconix

  DG304AMIL Datasheet HTML 1Page - Vishay Siliconix DG304AMIL Datasheet HTML 2Page - Vishay Siliconix DG304AMIL Datasheet HTML 3Page - Vishay Siliconix DG304AMIL Datasheet HTML 4Page - Vishay Siliconix DG304AMIL Datasheet HTML 5Page - Vishay Siliconix DG304AMIL Datasheet HTML 6Page - Vishay Siliconix DG304AMIL Datasheet HTML 7Page - Vishay Siliconix DG304AMIL Datasheet HTML 8Page - Vishay Siliconix DG304AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NC
V+
S3
S4
D3
D4
D1
D2
S1
S2
IN1
IN2
GND
V–
Dual-In-Line
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG305A_MIL
Metal Can
NC
Top View
S2
V–
D2
D1
V+ (Substrate and Case)
S1
IN
NC
GND
1
2
3
4
5
6
7
8
9
10
DG306A_MIL
GND
V–
Dual-In-Line
NC
V+
D1
D2
NC
NC
S1
S2
NC
NC
IN
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG305A_MIL
DG307A_MIL
S4
D2
NC
IN2
D3
Dual-In-Line
S3
IN1
D4
V–
D1
S1
GND
S2
V+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG304A_MIL/305A_MIL/306A_MIL/307A_MIL
Vishay Siliconix
www.vishay.com
2
Document Number: 71678
S-04302—Rev. A, 16-Jul-01
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
SW1
SW2
0
OFF
ON
1
ON
OFF
Logic “0”
v 3.5 V
Logic “1”
w 11 V
Logic “1”
w 11 V
TRUTH TABLE
Logic
Switch
0
OFF
1
ON
Logic “0”
v 3.5 V
Logic “1”
w 11 V
Four SPST Switches per Package
TRUTH TABLE
Logic
SW1, SW2 SW3, SW4
0
OFF
ON
1
ON
OFF
Logic “0”
v 3.5 V
Logic “1”
w 11 V


Similar Part No. - DG304AMIL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A Datasheet
291Kb / 8P
   CMOS Analog Switchs
logo
Vishay Siliconix
DG304A VISHAY-DG304A Datasheet
115Kb / 9P
   CMOS Analog Switches
Rev. C, 28-Apr-97
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG304A VISHAY-DG304A Datasheet
97Kb / 9P
   CMOS Analog Switches
18-Jul-08
logo
Maxim Integrated Produc...
DG304AA MAXIM-DG304AA Datasheet
291Kb / 8P
   CMOS Analog Switchs
More results

Similar Description - DG304AMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com