Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG302AMIL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG302AMIL
Description  CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG302AMIL Datasheet(HTML) 1 Page - Vishay Siliconix

  DG302AMIL Datasheet HTML 1Page - Vishay Siliconix DG302AMIL Datasheet HTML 2Page - Vishay Siliconix DG302AMIL Datasheet HTML 3Page - Vishay Siliconix DG302AMIL Datasheet HTML 4Page - Vishay Siliconix DG302AMIL Datasheet HTML 5Page - Vishay Siliconix DG302AMIL Datasheet HTML 6Page - Vishay Siliconix DG302AMIL Datasheet HTML 7Page - Vishay Siliconix DG302AMIL Datasheet HTML 8Page - Vishay Siliconix DG302AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Metal Can
IN2
Top View
S2
V-
D2
D1
V+ (Substrate and Case)
S1
IN1
NC
GND
1
2
3
4
5
6
7
8
9
10
NC
V+
D1
D2
NC
NC
S1
S2
NC
IN2
IN1
NC
GND
V-
Dual-In-Line
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG300A_MIL
DG300A_MIL
DG301A_MIL
V-
Dual-In-Line
V+
D2
NC
S2
NC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
Metal Can
NC
Top View
S2
V-
D2
D1
V+ (Substrate and Case)
S1
IN
NC
GND
1
2
3
4
5
6
7
8
9
10
DG301A_MIL
DG300A_MIL/301A_MIL/302A_MIL
Vishay Siliconix
Document Number: 71677
S-31622—Rev. C, 11-Aug-03
www.vishay.com
1
CMOS Analog Switches
(Obsolete for non-hermetic. Use DG300B Series as pin-for-pin replacements.)
FEATURES
BENEFITS
APPLICATIONS
D Analog Signal Range: "15 V
D Fast Switching—tON: 150 ns
D Low On-Resistance—rDS(on): 30 W
D Single Supply Operation
D Latch-up Proof
D CMOS Compatible
D Full Rail-to-Rail Analog Signal Range
D Low Signal Error
D Low Power Dissipation
D Low Level Switching Circuits
D Programmable Gain Amplifiers
D Portable and Battery Powered Systems
DESCRIPTION
The DG300A_MIL/DG301A_MIL/DG302A_MIL monolithic
CMOS switches feature three switch configuration options
(SPST, SPDT, and DPST) for precision applications in
communications, instrumentation and process control, where
low leakage switching combined with low power consumption
are required.
Designed on the Vishay Siliconix PLUS-40 CMOS process,
these switches are latch-up proof, and are designed to block
up to 30 V peak-to-peak when off. An epitaxial layer prevents
latchup.
In the on condition the switches conduct equally well in both
directions (with no offset voltage) and minimize error
conditions with their low on-resistance.
Featuring low power consumption (3.5 mW typ) these
switches are ideal for battery powered applications, without
sacrificing switching speed. Designed for break-before-make
switching action, these devices are CMOS and quasi TTL
compatible. Single supply operation is allowed by connecting
the V - rail to 0 V.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 4 V
TRUTH TABLE
Logic
SW1
SW2
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V
Logic 1
w 4 V


Similar Part No. - DG302AMIL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG302A TEMIC-DG302A Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Vishay Siliconix
DG302A-MIL VISHAY-DG302A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
logo
TEMIC Semiconductors
DG302AAK TEMIC-DG302AAK Datasheet
97Kb / 10P
   CMOS Analog Switches
DG302AAK/883 TEMIC-DG302AAK/883 Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Maxim Integrated Produc...
DG302ABK MAXIM-DG302ABK Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG302AMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com