Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG506AMIL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG506AMIL
Description  Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG506AMIL Datasheet(HTML) 5 Page - Vishay Siliconix

  DG506AMIL Datasheet HTML 1Page - Vishay Siliconix DG506AMIL Datasheet HTML 2Page - Vishay Siliconix DG506AMIL Datasheet HTML 3Page - Vishay Siliconix DG506AMIL Datasheet HTML 4Page - Vishay Siliconix DG506AMIL Datasheet HTML 5Page - Vishay Siliconix DG506AMIL Datasheet HTML 6Page - Vishay Siliconix DG506AMIL Datasheet HTML 7Page - Vishay Siliconix DG506AMIL Datasheet HTML 8Page - Vishay Siliconix DG506AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DG506A_MIL/507A_MIL
Vishay Siliconix
Document Number: 70066
S-00405—Rev. D, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
5-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Off Isolation vs. Frequency
Switching Time vs. Temperature
IS(off) vs. Analog Voltage
ID(on), ID(off) vs. Analog Voltage
Switching Time vs. Positive Supply Voltage
Leakages vs. Temperature
f – Frequency (Hz)
Temperature (
_C)
V+ – Positive Supply (V)
Temperature (
_C)
VS – Source Voltage (V)
VD – Drain Voltage (V)
0
–20
–40
–60
–80
–100
–120
1 k
1 M
10 M
10 k
100 k
CerDIP
Plastic
V+ = 15 V
V– = –15 V
ref. 0 dBm
ID(off)
ID(on)
V+ = 15 V
V– = –15 V
TA = 25_C
20
0
–20
–40
–60
–80
–15
–10
–5
0
5
10
15
1000
–55
800
600
400
200
–35
–15
5
25
45
65
105
125
85
tRANS
tOPEN
1100
10
12
14
16
18
20
22
1000
900
800
700
600
500
400
300
200
V+ = 15 V
V– = –15 V
VD = "14 V
ID(on), ID(off)
IS(off)
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
–55
–35
–15
5
25
45
65
85
105
125
tRANS
tOPEN
V+ = 15 V
V– = –15 V
900
700
500
300
15
10
5
–5
–15
–15
–10
–5
0
5
10
15
–10
0
V+ = 15 V
V– = –15 V
VS = –VD
TA = 25_C
IS(off)


Similar Part No. - DG506AMIL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506AMWI/PR MAXIM-DG506AMWI/PR Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506AMWI/PR MAXIM-DG506AMWI/PR Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
More results

Similar Description - DG506AMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
18-Jul-08
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com