Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG1409 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG1409
Description  3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1409 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG1409 Datasheet HTML 3Page - Vishay Siliconix DG1409 Datasheet HTML 4Page - Vishay Siliconix DG1409 Datasheet HTML 5Page - Vishay Siliconix DG1409 Datasheet HTML 6Page - Vishay Siliconix DG1409 Datasheet HTML 7Page - Vishay Siliconix DG1409 Datasheet HTML 8Page - Vishay Siliconix DG1409 Datasheet HTML 9Page - Vishay Siliconix DG1409 Datasheet HTML 10Page - Vishay Siliconix DG1409 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DG1408, DG1409
www.vishay.com
Vishay Siliconix
S14-1915-Rev. B, 22-Sep-14
7
Document Number: 62957
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Leakage Current vs. Temperature
Leakage Current vs. Analog Voltage
Leakage Current vs. Temperature
Leakage Current vs. Analog Voltage
Switching Time vs. Temperature
0.1
1
10
100
1000
10 000
100 000
- 60
- 20
20
60
100
140
Temperature (
°C)
I
D(OFF), VD = +10 V
-I
S(OFF), VD = +10 V
I
D(ON), VD = +10 V
-I
D(OFF), VD = -10 V
I
S(OFF), VD = -10 V
-I
D(ON), VD = -10 V
V+/- = +/-15 V
0.1
1
10
100
1000
10 000
100 000
- 60
- 20
20
60
100
140
Temperature (
°C)
I
D(OFF), VD = +4.5 V
-I
S(OFF), VD = +4.5 V
I
D(ON), VD = +4.5 V
-I
D(OFF), VD = -4.5 V
I
S(OFF), VD = -4.5 V
-I
D(ON), VD = -4.5 V
V+/- = +/-5.5 V
0.1
1
10
100
1000
10 000
100 000
- 60
- 20
20
60
100
140
Temperature (
°C)
I
D(OFF), VD = +10 V
-I
S(OFF), VD = +10 V
I
D(ON), VD = +10 V
-I
D(OFF), VD = 1 V
I
S(OFF), VD = 1 V
-I
D(ON), VD = 1 V
V+ = +12 V
-100
-80
-60
-40
-20
0
20
40
60
80
100
-6
-5
-4
-3
-2
-1
0123456
V
D - Analog Voltage (V)
V+/- = +/-5 V
I
D(off)
v
S = -VD
I
S(off)
I
D(on)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0123456789
10
11
12
V
D -Analog Voltage (V)
V+ = +12 V
I
D(off)
v
S = -VD + 12V
I
S(off)
I
D(on)
0
50
100
150
200
250
300
350
400
-50
0
50
100
150
Temperature (
°C)
V+/- = +/-15V, t
ON
V+/- = +/- 5 V, t
ON
V+ = +12 V, t
ON
V+/- = +/- 5 V, t
OFF
V+ = +12 V, t
OFF
V+/- = +/-15V, t
OFF


Similar Part No. - DG1409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1409 VISHAY-DG1409 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
DG1409E VISHAY-DG1409E Datasheet
431Kb / 14P
   3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 06-Feb-17
DG1409EEN-T1-GE4 VISHAY-DG1409EEN-T1-GE4 Datasheet
431Kb / 14P
   3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 06-Feb-17
More results

Similar Description - DG1409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
logo
Vishay Siliconix
DG9409E VISHAY-DG9409E_V01 Datasheet
327Kb / 15P
   3.2 ?? Fast Switching Speed, 12 V / 5 V / 3 V / 짹 5 V, 4- / 8-Channel Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com