Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402H124D5GACT250 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C0402H124D5GACT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402H124D5GACT250 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C0402H124D5GACT250 Datasheet HTML 5Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 6Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 7Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 8Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 9Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 10Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 11Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 12Page - Kemet Corporation C0402H124D5GACT250 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Soldering Process
Recommended Soldering Technique:
• Solder wave or solder reflow for EIA case sizes 0603, 0805 and 1206
• All other EIA case sizes are limited to solder reflow only
Recommended Reflow Soldering Profile:
KEMET’s families of surface mount multilayer ceramic capacitors (SMD MLCCs) are compatible with wave (single or dual), convection,
IR or vapor phase reflow techniques. Preheating of these components is recommended to avoid extreme thermal stress. KEMET’s
recommended profile conditions for convection and IR reflow reflect the profile conditions of the IPC/J-STD-020 standard for moisture
sensitivity testing. These devices can safely withstand a maximum of three reflow passes at these conditions.
Profile Feature
Termination Finish
SnPb
100% Matte Sn
Preheat/Soak
Temperature Minimum (TSmin)
100°C
150°C
Temperature Maximum (TSmax)
150°C
200°C
Time (tS) from TSmin to TSmax
60 – 120 seconds
60 – 120 seconds
Ramp-Up Rate (TL to TP)
3°C/second maximum 3°C/second maximum
Liquidous Temperature (TL)
183°C
217°C
Time Above Liquidous (tL)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (TP)
235°C
260°C
Time Within 5°C of Maximum
Peak Temperature (tP)
20 seconds maximum 30 seconds maximum
Ramp-Down Rate (TP to TL) 6°C/second maximum 6°C/second maximum
Time 25°C to Peak
Temperature
6 minutes maximum
8 minutes maximum
Note 1: All temperatures refer to the center of the package, measured on the
capacitor body surface that is facing up during assembly reflow.
Time
Tsmin
25° C to Peak
tL
tS
25
tP
Tsmax
TL
TP
Maximum Ramp Up Rate = 3°C/sec
Maximum Ramp Down Rate = 6°C/sec


Similar Part No. - C0402H124D5GACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402H101J5GACTU KEMET-C0402H101J5GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 100 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H102J5GACTU KEMET-C0402H102J5GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H150J3GACTU KEMET-C0402H150J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 15 pF, 5%, 25 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H150J5GACTU KEMET-C0402H150J5GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 15 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H152J3GACTU KEMET-C0402H152J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1500 pF, 5%, 25 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
More results

Similar Description - C0402H124D5GACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com