Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3H07B Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC3H07B
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H07B Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC3H07B Datasheet HTML 1Page - Sanyo Semicon Device EC3H07B Datasheet HTML 2Page - Sanyo Semicon Device EC3H07B Datasheet HTML 3Page - Sanyo Semicon Device EC3H07B Datasheet HTML 4Page - Sanyo Semicon Device EC3H07B Datasheet HTML 5Page - Sanyo Semicon Device EC3H07B Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC3H07B
No.6578-2/6
0
0
2
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT02240
IT02242
IT02244
IT02241
IT02243
IT02245
4
6
8
10
1
3
2
4
5
0
0
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
0.2
0.4
0.6
0.8
1.0
1.2
20
30
10
10
Collector Current, IC -- mA
hFE -- IC
1.0
2
3
5
7
2
3
5
7
35
7
10
100
100
2
3
5
1000
7
2
3
5
7
1.0
Collector Current, IC -- mA
f T -- IC
2
3
57
10
23
5
7
100
1.0
2
3
5
7
2
3
5
7
100
10
0.1
0.1
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
1.0
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.1
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
2
3
57
2
3
57
1.0
10
0.1
2
3
5
7
1.0
IB=0
0.05mA
0.04mA
0.03mA
0.02mA
0.01mA
VCE=3V
1V
VCE=3V
1V
f=1MHz
f=1MHz
Type No. Indication (Top view)
Electrical Connection (Top view)
G
Polarity mark (Top)
Base
Emitter
Collector
*Electrodes : on the bottom
Polarity mark (Top)
Base
Emitter
Collector
This product adopts a
high-frequency process.
Please be careful when
handling it beause it is
susceptible to static
electricity.


Similar Part No. - EC3H07B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - EC3H07B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com