Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A758EK337M1CAAE018 Datasheet(PDF) 5 Page - Kemet Corporation

Part # A758EK337M1CAAE018
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A758EK337M1CAAE018 Datasheet(HTML) 5 Page - Kemet Corporation

  A758EK337M1CAAE018 Datasheet HTML 1Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 2Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 3Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 4Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 5Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 6Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 7Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 8Page - Kemet Corporation A758EK337M1CAAE018 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4069_A758 • 12/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758 Series, 105°C
Shelf Life and Re-Ageing
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored in high temperatures or where
there is a high level of humidity.
• The suitable storage condition for KEMET's conductive polymer aluminum solid electrolytic capacitors is +5 to +35ºC and
less than 75% in relative humidity.
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored in damp conditions such as
water, saltwater spray or oil spray.
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored in an environment full of
hazardous gas (hydrogen sulphide, sulphurous acid gas, nitrous acid, chlorine gas, ammonium, etc.)
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored under exposure to ozone,
ultraviolet rays or radiation.
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however the
leakage current will very slowly increase.
If a capacitor is stored for a long period of time, the leakage current must be verified. If the leakage current is superior to the
value listed in this catalog, the capacitors must be reformed.
Re-age (Reforming) Procedure
Apply the rated DC voltage to the capacitor at 105°C for a period of 120 minutes through a 1 kΩ series resistor.
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like
China, legislation has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic
equipment. All products in this catalog are produced to help our customers' obligations to guarantee their products and fulfill
these legislative requirements. The only material of concern in our products has been lead (Pb), which has been removed
from all designs to fulfill the requirement of containing less than 0.1% of lead in any homogeneous material. KEMET will
closely follow any changes in legislation worldwide and makes any necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of Lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Because of customer requirements, there may appear additional markings such as LF = Lead-free, or LFW = Lead-free wires
on the label.


Similar Part No. - A758EK337M1CAAE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758EK337M0JAAE016 KEMET-A758EK337M0JAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 330 uF, 20%, 6.3 V, -55/105C, Lead Spacing = 2.5mm
More results

Similar Description - A758EK337M1CAAE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750EK567M0EAAE020 KEMET-A750EK567M0EAAE020 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com