Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGGP353A02 Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # CGGP353A02
Description  3.5mm Thick GPS/Glonass/Galileo Patch Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CGGP353A02 Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button CGGP353A02 Datasheet HTML 3Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 4Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 5Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 6Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 7Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 8Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 9Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 10Page - Taoglas antenna solutions CGGP353A02 Datasheet HTML 11Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-SPE-16-8-062/J Page 7 of 13
4.4. Peak Gain
Figure 6. Peak Gain of the CGGP.35.3.A.02.
4.5. 2D Radiation Pattern


Similar Part No. - CGGP353A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGGP353A02 ETC2-CGGP353A02 Datasheet
447Kb / 11P
   3.5mm thick GPS/Glonass Patch Antenna, 1575-1610MHz
More results

Similar Description - CGGP353A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGGP353A02 ETC2-CGGP353A02 Datasheet
447Kb / 11P
   3.5mm thick GPS/Glonass Patch Antenna, 1575-1610MHz
logo
AVX Corporation
1004322 AVX-1004322 Datasheet
583Kb / 3P
   GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
logo
Taoglas antenna solutio...
SGGP.25.4.A.02 TAOGLAS-SGGP.25.4.A.02 Datasheet
1Mb / 14P
   GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP.18.4.A.02 TAOGLAS-SGGP.18.4.A.02 Datasheet
1Mb / 19P
   GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP18A TAOGLAS-SGGP18A Datasheet
1Mb / 19P
   GPS/Glonass/Galileo SMT Patch Antenna
SGGP.18.4.A.08 TAOGLAS-SGGP.18.4.A.08 Datasheet
2Mb / 19P
   GPS/GLONASS/GALILEO SMD Patch Antenna
GP1575182A02 TAOGLAS-GP1575182A02 Datasheet
701Kb / 9P
   2mm thick GPS/GALILEO Patch Antenna
CGGP184C02 TAOGLAS-CGGP184C02 Datasheet
680Kb / 12P
   18mm Ceramic GPS/GLONASS/GALILEO Patch Antenna
CGGP.25.4.A.02 TAOGLAS-CGGP.25.4.A.02 Datasheet
688Kb / 12P
   4mm thick GPS/GLONASS Patch Antenna
GP1575353A02 TAOGLAS-GP1575353A02 Datasheet
756Kb / 13P
   3.5mm thick GPS Patch Antenna, 1575MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com