Electronic Components Datasheet Search |
|
M2024TJW06-FA Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2024TJW06-FA Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
7 / 29 page Series M Snap-In Mount Miniature Rockers B68 B www.nkkswitches.com Yellow E OPTIONAL SNAP-IN BEZELS & BEZEL COLORS AT2107 Bezel 1 Black A White B Green F Blue G Material: Polyamide Finish: Matte Gray H AT208 Bezel for AT070 LED 2 Material: Polycarbonate Finish: Glossy Contact factory for matte finish. AT212 Bezel for AT617 LED 3 Material: Polycarbonate Finish: Semi-glossy AT213 Bezel for AT618 LED 4 Material: Polycarbonate Finish: Semi-glossy Bezel Assembly 45° Tab Tab 1. Pry out tab on bezel to a 45° angle. 2. Insert switch frame under tab and snap on bezel. 3. Push tab back into place. 4. Snap assembled bezel and switch into panel. (11.8) .465 (21.5) .846 (12.0) .472 (15.6) .614 (2.2) .087 (30.2) 1.19 (19.0) .748 (12.0) .472 (11.8) .465 (13.5) .531 (15.6) .614 (5.4) Dia .213 (2.2) .087 (21.5) Sq .846 (11.8) .465 (10.0) .394 (12.0) .472 (2.2) .087 (7.8) .307 (3.0) Dia Typ .118 (8.0) .315 (11.8) .465 (10.0) .394 (12.0) .472 (2.2) .087 (7.8) .307 (21.5) Sq .846 (5.0) Typ .197 (8.0) .315 (2.0) Typ .079 Black A Black A Black A LED colors & specifications on next page. LED colors & specifications on next page. LED colors & specifications on next page. (15.9) .626 (15.9) .626 A Single Pole Double Pole A (12.5)mm .492” (13.1)mm .516” Single Pole Double Pole A (12.5)mm .492” (13.1)mm .516” B (6.25)mm .246” (6.55)mm .258” (15.9) .626 (13.8) .543 (8.8) Dia .346 B A (15.9) .626 A (15.9) .626 A Single Pole Double Pole A (18.4)mm .724” (18.7)mm .736” Single Pole Double Pole A (18.4)mm .724” (18.7)mm .736” |
Similar Part No. - M2024TJW06-FA |
|
Similar Description - M2024TJW06-FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |