Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX1131 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EE-SX1131
Description  Ultra-Compact Photomicrosensors with Surface-Mount Design
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EE-SX1131 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  EE-SX1131 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 5Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 6Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 7Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 8Page - List of Unclassifed Manufacturers EE-SX1131 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
EE-SX1107/1108/1109/1131
EE-SX1107/1108/1109/1131
Manual soldering
• "Sn 60" (60% tin and 40% lead) or solder with silver content
is recommended.
• Use a soldering iron of less than 25W. The temperature of
the iron tip must be kept above 300
°C (572°F).
• Solder each land for a maximum of 3 seconds.
Precautions
s SOLDERING INFORMATION
Reflow soldering
• Reflow soldering must be done within 48 hours after opening
the aluminum envelope. The component must be stored
under 30
°C at 80% RH.
• The following soldering paste is recommended:
Melting temperature: 178~192
°C
Composition: Sn 63%, Pb 37%
• Recommended thickness of metal mask is between 0.2 mm
and 0.25 mm for screen printing.
• The following chart illustrates the maximum temperature
limits for soldering:
140~160
°C
60~120 sec.
250
200
150
100
Time
10 sec. max.
40 sec. max.
230
°C max.
4
°C/sec. max.
4
°C/sec. max.
OMRON ELECTRONICS LLC
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. E02DAD2
3/01
Specifications subject to change without notice.
Printed in the U.S.A.


Similar Part No. - EE-SX1131

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX1131 OMRON-EE-SX1131 Datasheet
778Kb / 6P
   Photomicrosensor (Transmissive)
More results

Similar Description - EE-SX1131

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
logo
Lumileds Lighting Compa...
DS56 LUMILEDS-DS56 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
logo
List of Unclassifed Man...
BPC-D5205-FL ETC2-BPC-D5205-FL Datasheet
268Kb / 2P
   Fanless design with compact size
BPC-D5204-FL ETC2-BPC-D5204-FL Datasheet
330Kb / 2P
   Fanless design with compact size
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
   Compact design
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
   compact design
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
   Compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
   Compact design
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com