Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA930WALBICGJ005 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MA930WALBICGJ005
Description  Guardian 6in1 Adhesive and Wall Mount Antenna LTE*2Wi-Fi*2GNSSSatellite L Band Antenna
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA930WALBICGJ005 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MA930WALBICGJ005 Datasheet HTML 1Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 2Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 3Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 4Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 5Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 6Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 7Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 8Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
DSP-16-8-066/A
Page 1 of 140
DRAFT SPECIFICATION
PATENT PENDING
Part No.
:
MA930.W.A.LBICGJ.005
Product Name
:
Guardian 6in1 Adhesive and Wall Mount Antenna
LTE*2+Wi-Fi*2+GNSS+Satellite L Band Antenna
Features
:
Low-profile Housing – Mounts flush to Wall
2* LTE MIMO 698-960MHz / 1710-2170MHz /
2490-2690MHz / 3300-3600MHz
2* Wi-Fi MIMO 2.4GHz/5.8GHz
1* GPS-GLONASS-GALILEO-BeiDou Antenna
1* Satellite L Band Antenna
Worldwide 4G Bands including fallback to 3G & 2G
IP67 Waterproof ASA Enclosure
Dims: 146*134*20mm
1M Low Loss KSR200-P and RG174 Cables with
SMA(M)/RP-SMA(M) connectors
Cables and Connectors Customizable
RoHS Compliant


Similar Part No. - MA930WALBICGJ005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
MA931.A.LBICGH.001.WM TAOGLAS-MA931.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA931.W.A.LBICGH.001.WM TAOGLAS-MA931.W.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna GNSS, 2*LTE and 3*Wi-Fi
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
More results

Similar Description - MA930WALBICGJ005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA931.W.A.LBICGH.001.WM TAOGLAS-MA931.W.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna GNSS, 2*LTE and 3*Wi-Fi
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA950.W.A.LBICG.005.WM TAOGLAS-MA950.W.A.LBICG.005.WM Datasheet
11Mb / 137P
   Guardian 5in1 Wall Mount Antenna 2*LTE2*Wi-FiGNSS
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com