Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA930WALBICGJ005 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA930WALBICGJ005
Description  Guardian 6in1 Adhesive and Wall Mount Antenna LTE*2Wi-Fi*2GNSSSatellite L Band Antenna
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA930WALBICGJ005 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA930WALBICGJ005 Datasheet HTML 1Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 2Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 3Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 4Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 5Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 6Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 7Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 8Page - Taoglas antenna solutions MA930WALBICGJ005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
DSP-16-8-066/A
Page 2 of 140
1. Introduction
The MA930 Guardian is a next generation combination antenna. It is the first panel antenna
worldwide designed for IoT Gateway and Router devices with multiple wireless technologies.
It is a low profile 6in1 wall and adhesive mount antenna. It is a heavy-duty, fully IP67
waterproof external M2M antenna for use by RF professionals in
IoT Gateway and Routers
HD Video Streaming
Transportation
Remote Monitoring Applications.
This antenna delivers powerful MIMO antenna technology for worldwide 4G LTE bands at
698-960MHz / 1710-2170MHz / 2490-2690MHz / 3300-3600MHz, Satellite L band,
dual-band 2.4/5.8GHz Wi-Fi, plus GPS-GLONASS-GALILEO-BEIDOU for location accuracy. It
enables designers to cover a wide range of technologies by installing a single antenna.
4G wireless applications demand high speed data uplink and downlink. High efficiency and
high gain MIMO antennas are necessary to achieve the required signal to noise ratio and
throughput required to solve these challenges. Taoglas also takes care to have high isolation
among these antennas to prevent self-interference. Low loss cables used to keep efficiency
high over long cable lengths.
The GPS-GLONASS-GALILEO-BEIDOU active antenna has been carefully designed for
excellent performance across all L1 GNSS bands, leading to higher location accuracy and
stability of tracking in urban environments.
The housing is IP67 waterproof and comes with a 3M adhesive. The antenna can be mounted
internally or externally on a vehicle. The MA931 comes with 1 meter, low loss KSR-200P
coaxial cables for the LTE and Wi-Fi antennas, and RG174 coaxial cable for the GNSS
antenna as standard. Customized cables and connector versions are also available.


Similar Part No. - MA930WALBICGJ005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
MA931.A.LBICGH.001.WM TAOGLAS-MA931.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA931.W.A.LBICGH.001.WM TAOGLAS-MA931.W.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna GNSS, 2*LTE and 3*Wi-Fi
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
More results

Similar Description - MA930WALBICGJ005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA931.W.A.LBICGH.001.WM TAOGLAS-MA931.W.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna GNSS, 2*LTE and 3*Wi-Fi
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA950.W.A.LBICG.005.WM TAOGLAS-MA950.W.A.LBICG.005.WM Datasheet
11Mb / 137P
   Guardian 5in1 Wall Mount Antenna 2*LTE2*Wi-FiGNSS
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com