Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA950ALBICG005 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA950ALBICG005
Description  MA950 Guardian 5in1 Adhesive Mount Antenna
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA950ALBICG005 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA950ALBICG005 Datasheet HTML 1Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 2Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 3Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 4Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 5Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 6Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 7Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 8Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 135 page
background image
DSP-16-08-068/A
Page 4 of 135
4G/3G/2G LTE Antenna
Frequency (MHz)
LTE700
GSM850
GSM900
DCS
PCS
UMTS1
LTE2600
LTE3500
698~803 824~894
880~960 1710~1880 1850~1990 1920~2170 2490~2690 3300~3600
Efficiency (%)
MIMO_1
Free space
50.82
55.85
41.29
66.47
70.19
71.51
49.20
50.92
ABS
68.31
69.61
61.27
66.31
70.86
70.00
50.61
51.88
Glass
67.99
67.37
62.94
66.89
71.80
69.58
51.00
52.83
Metal
42.12
51.55
58.33
39.49
47.20
47.71
44.36
44.85
Wall
67.97
70.42
66.80
63.91
64.94
63.35
50.37
51.49
MIMO_2
Free space
54.13
58.97
48.65
61.54
68.31
68.39
54.62
52.55
ABS
71.74
66.05
58.58
63.18
69.29
69.23
53.95
54.95
Glass
64.53
55.70
45.22
64.94
67.87
65.86
50.05
51.77
Metal
55.62
63.13
56.59
32.14
40.89
43.97
54.22
52.90
Wall
61.91
48.38
52.88
58.00
56.47
56.36
54.68
48.72
Average Gain (dBi)
MIMO_1
Free space
-2.96
-2.62
-3.85
-1.78
-1.54
-1.46
-3.12
-2.96
ABS
-1.68
-1.59
-2.13
-1.79
-1.50
-1.55
-3.00
-2.87
Glass
-1.73
-1.73
-2.02
-1.75
-1.44
-1.58
-2.96
-2.79
Metal
-3.94
-2.88
-2.37
-4.07
-3.27
-3.23
-3.57
-3.51
Wall
-1.70
-1.53
-1.76
-1.95
-1.88
-1.99
-3.00
-2.89
MIMO_2
Free space
-2.72
-2.32
-3.17
-2.11
-1.66
-1.66
-2.65
-2.83
ABS
-1.47
-1.81
-2.33
-2.00
-1.59
-1.60
-2.71
-2.63
Glass
-1.93
-2.56
-3.46
-1.88
-1.68
-1.82
-3.04
-2.87
Metal
-2.61
-2.00
-2.50
-4.95
-3.90
-3.59
-2.67
-2.77
Wall
-2.09
-3.15
-2.79
-2.37
-2.48
-2.50
-2.63
-3.15
Peak Gain (dBi)
MIMO_1
Free space
3.18
3.60
2.14
3.98
4.37
4.37
3.70
4.49
ABS
4.65
4.00
3.45
5.24
6.05
6.05
4.69
3.18
Glass
3.71
3.92
4.35
5.28
6.16
7.67
5.34
3.87
Metal
5.09
3.10
4.73
4.50
4.96
5.69
6.02
4.96
Wall
4.74
4.97
3.67
5.44
4.84
4.84
5.08
3.75
MIMO_2
Free space
5.83
3.66
2.57
3.78
4.01
4.01
3.87
3.97
ABS
4.33
4.52
4.41
4.34
4.73
5.69
5.64
5.42
Glass
3.02
3.14
1.36
4.99
5.89
6.02
6.18
4.42
Metal
3.54
3.11
3.33
3.12
4.36
5.02
7.16
4.95
Wall
3.21
1.77
2.15
5.49
5.49
7.20
6.10
4.74
Impedance
50Ω
Polarization
Linear
VSWR
< 3
Cable
1 meter KSR200-P standard, fully customizable
Connector
SMA(M) standard, fully customizable


Similar Part No. - MA950ALBICG005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
More results

Similar Description - MA950ALBICG005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA961WABICG002 TAOGLAS-MA961WABICG002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna
MA931WALBICGH001 TAOGLAS-MA931WALBICGH001 Datasheet
11Mb / 133P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA950.W.A.LBICG.005.WM TAOGLAS-MA950.W.A.LBICG.005.WM Datasheet
11Mb / 137P
   Guardian 5in1 Wall Mount Antenna 2*LTE2*Wi-FiGNSS
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
   MA850 5in1 Permanent Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com