Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA950ALBICG005 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # MA950ALBICG005
Description  MA950 Guardian 5in1 Adhesive Mount Antenna
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA950ALBICG005 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  MA950ALBICG005 Datasheet HTML 1Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 2Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 3Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 4Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 5Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 6Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 7Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 8Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 135 page
background image
DSP-16-08-068/A
Page 5 of 135
2.4GHz/5.8GHz Wi-Fi Antenna
Frequency (MHz)
2400~2500
4900~5850
Efficiency (%)
MIMO_1
Free space
57.73
48.06
ABS
53.59
49.42
Glass
53.98
47.16
Metal
51.80
46.70
Wall
61.02
46.29
MIMO_2
Free space
44.09
47.04
ABS
46.34
46.79
Glass
40.79
46.88
Metal
45.58
45.59
Wall
50.62
43.60
Average Gain (dBi)
MIMO_1
Free space
-2.39
-3.25
ABS
-2.71
-3.13
Glass
-2.68
-3.36
Metal
-2.86
-3.44
Wall
-2.15
-3.42
MIMO_2
Free space
-3.57
-3.33
ABS
-3.37
-3.36
Glass
-3.91
-3.35
Metal
-3.45
-3.52
Wall
-2.96
-3.67
Peak Gain (dBi)
MIMO_1
Free space
4.35
4.84
ABS
5.34
5.18
Glass
2.99
5.03
Metal
5.22
5.98
Wall
5.47
5.77
MIMO_2
Free space
2.94
5.70
ABS
2.18
5.43
Glass
3.75
7.07
Metal
6.02
6.76
Wall
3.23
5.97
Impedance
50Ω
Polarization
Linear
VSWR
< 3
Cable
1 meter KSR200-P standard, fully customizable
Connector
RP-SMA(M) standard, fully customizable


Similar Part No. - MA950ALBICG005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
More results

Similar Description - MA950ALBICG005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA961WABICG002 TAOGLAS-MA961WABICG002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna
MA931WALBICGH001 TAOGLAS-MA931WALBICGH001 Datasheet
11Mb / 133P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA950.W.A.LBICG.005.WM TAOGLAS-MA950.W.A.LBICG.005.WM Datasheet
11Mb / 137P
   Guardian 5in1 Wall Mount Antenna 2*LTE2*Wi-FiGNSS
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
   MA850 5in1 Permanent Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com