Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA950ALBICG005 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # MA950ALBICG005
Description  MA950 Guardian 5in1 Adhesive Mount Antenna
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA950ALBICG005 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button MA950ALBICG005 Datasheet HTML 4Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 5Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 6Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 7Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 8Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 9Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 10Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 11Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 135 page
background image
DSP-16-08-068/A
Page 8 of 135
2.2. LTE Bands Covered in Free Space
LTE BANDS
Band Number
LTE / LTE-Advanced / WCDMA / HSPA / HSPA+ / TD-SCDMA
Uplink
Downlink
MIMO 1
MIMO 2
1
UL: 1920 to 1980
DL: 2110 to 2170
2
UL: 1850 to 1910
DL: 1930 to 1990
3
UL: 1710 to 1785
DL: 1805 to 1880
4
UL: 1710 to 1755
DL: 2110 to 2155
5
UL: 824 to 849
DL: 869 to 894
7
UL: 2500 to 2570
DL:2620 to 2690
8
UL: 880 to 915
DL: 925 to 960
9
UL: 1749.9 to 1784.9
DL: 1844.9 to 1879.9
11
UL: 1427.9 to 1447.9
DL: 1475.9 to 1495.9
12
UL: 699 to 716
DL: 729 to 746
13
UL: 777 to 787
DL: 746 to 756
14
UL: 788 to 798
DL: 758 to 768
17
UL: 704 to 716
DL: 734 to 746 (LTE only)
18
UL: 815 to 830
DL: 860 to 875 (LTE only)
19
UL: 830 to 845
DL: 875 to 890
20
UL: 832 to 862
DL: 791 to 821
21
UL: 1447.9 to 1462.9
DL: 1495.9 to 1510.9
22
UL: 3410 to 3490
DL: 3510 to 3590
23
UL:2000 to 2020
DL: 2180 to 2200 (LTE only)
24
UL:1625.5 to 1660.5
DL: 1525 to 1559 (LTE only)
25
UL: 1850 to 1915
DL: 1930 to 1995
26
UL: 814 to 849
DL: 859 to 894
27
UL: 807 to 824
DL: 852 to 869 (LTE only)
28
UL: 703 to 748
DL: 758 to 803 (LTE only)
29
UL: -
DL: 717 to 728 (LTE only)
30
UL: 2305 to 2315
DL: 2350 to 2360 (LTE only)
31
UL: 452.5 to 457.5
DL: 462.5 to 467.5 (LTE only)
32
UL: -
DL: 1452 - 1496
35
1850 to 1910
38
2570 to 2620
39
1880 to 1920
40
2300 to 2400
41
2496 to 2690
42
3400 to 3600
43
3600 to 3800
*Covered bands represent an efficiency greater than 20%


Similar Part No. - MA950ALBICG005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
More results

Similar Description - MA950ALBICG005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA961WABICG002 TAOGLAS-MA961WABICG002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna
MA931WALBICGH001 TAOGLAS-MA931WALBICGH001 Datasheet
11Mb / 133P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA950.W.A.LBICG.005.WM TAOGLAS-MA950.W.A.LBICG.005.WM Datasheet
11Mb / 137P
   Guardian 5in1 Wall Mount Antenna 2*LTE2*Wi-FiGNSS
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
   MA850 5in1 Permanent Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com