Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA961WABICG002 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA961WABICG002
Description  Guardian 4in1 Adhesive / Wall Mount Antenna
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA961WABICG002 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA961WABICG002 Datasheet HTML 1Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 2Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 3Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 4Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 5Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 6Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 7Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 8Page - Taoglas antenna solutions MA961WABICG002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SPE-17-8-021/A
Page 4 of 35
G/4G L
T
E
4G/3G/2G
Impedance
50Ω
Polarization
Linear
VSWR
< 3
Cable
3 meters CFD-200 standard, fully customizable
Connector
SMA(M) standard, fully customizable
2.4GHz/5GHz Wi-Fi Antenna
Frequency (MHz)
2400~2500
4900~5850
Efficiency (%)
MIMO_1
30cm
69.77
59.81
1M
63.63
51.43
2M
55.42
41.67
3M
48.27
33.81
5M
36.62
22.18
MIMO_2
30cm
70.19
59.69
1M
64.01
51.32
2M
55.75
41.57
3M
48.56
33.71
5M
36.84
22.12
Average Gain (dBi)
MIMO_1
30cm
-1.57
-2.27
1M
-1.97
-2.92
2M
-2.57
-3.84
3M
-3.17
-4.75
5M
-4.37
-6.58
MIMO_2
30cm
-1.54
-2.25
1M
-1.94
-2.91
2M
-2.54
-3.82
3M
-3.14
-4.73
5M
-4.34
-6.56
Peak Gain (dBi)
MIMO_1
30cm
4.87
4.95
1M
4.37
4.26
2M
3.77
3.36
3M
3.17
2.46
5M
1.97
0.66
MIMO_2
30cm
4.93
5.09
1M
4.43
4.39
2M
3.83
3.49
3M
3.23
2.59
5M
2.03
0.79
Impedance
50Ω
Polarization
Linear
VSWR
< 3
Cable
3 meters CFD-200 standard, fully customizable
Connector
SMA(M) standard, fully customizable


Similar Part No. - MA961WABICG002

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
More results

Similar Description - MA961WABICG002

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA950ALBICG005 TAOGLAS-MA950ALBICG005 Datasheet
14Mb / 135P
   MA950 Guardian 5in1 Adhesive Mount Antenna
MA931WALBICGH001 TAOGLAS-MA931WALBICGH001 Datasheet
11Mb / 133P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA931.A.LBICGH.001.WM TAOGLAS-MA931.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna
MA930WALBICGJ005 TAOGLAS-MA930WALBICGJ005 Datasheet
12Mb / 140P
   Guardian 6in1 Adhesive and Wall Mount Antenna LTE*2Wi-Fi*2GNSSSatellite L Band Antenna
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
MA245.LBIC.002 TAOGLAS-MA245.LBIC.002 Datasheet
4Mb / 44P
   Genesis 4in1 GNSS, 2*LTE & WiFi Low Profile Adhesive Mount Antenna
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com