Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHRF100 Datasheet(PDF) 1 Page - Littelfuse

Part # AHRF100
Description  Overcurrent Protection Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AHRF100 Datasheet(HTML) 1 Page - Littelfuse

  AHRF100 Datasheet HTML 1Page - Littelfuse AHRF100 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: AHRF100
DOCUMENT: SCD26631
REV LETTER: E
REV DATE: JULY 26,2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26,2016
Specification Status: Released
Electrical Rating
Voltage: 30VDC MAX
Current: 40A MAX
Insulating Material:
Cured, Flame Retardant Epoxy Polymer
meets UL94 V-0 Requirements
Lead Material:
24 AWG Tin Plated Copper Clad Steel
(0.51mm[0.020]nom. diameter)
Part Marking:
Manufacturer’s Mark
Lot Identification
and Part Identification
H1
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
TYP
mm:
--
9.7
--
13.6
4.3
5.8
7.6
--
--
3.0
1.2
in*:
--
(0.38)
--
(0.54)
(0.17)
(0.23)
(0.30)
--
--
(0.12)
(0.05)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
Reference Documents:
PS400, PS300 (reference for R1 MAX)
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or
flame
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm
CURRENT
RATINGS
TIME TO
TRIP
INITIAL
RESISTANCE
VALUES
Ra MAX
TRIPPED-STATE
POWER
DISSIPATION
AMPS
AT 25°C
SECONDS AT
25°C, 5.0A
OHMS
AT 25°C
OHMS
AT 25°C
WATTS AT
25°C 16V
HOLD
TRIP
MAX
MIN
MAX
TYP
1.0
1.9
6.2
0.15
0.30
0.43
1.4
HF


Similar Part No. - AHRF100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AHRF100 MACOM-AHRF100 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHRF100 MACOM-AHRF100 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
AHRF100-2 MACOM-AHRF100-2 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHRF100-AP MACOM-AHRF100-AP Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHRF1000 MACOM-AHRF1000 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - AHRF100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
   Overcurrent Protection Device
RGEF800K LITTELFUSE-RGEF800K Datasheet
387Kb / 2P
   Overcurrent Protection Device
RGEF900 LITTELFUSE-RGEF900 Datasheet
363Kb / 2P
   Overcurrent Protection Device
RGEF900-1 LITTELFUSE-RGEF900-1 Datasheet
342Kb / 2P
   Overcurrent Protection Device
RGEF1100 LITTELFUSE-RGEF1100 Datasheet
350Kb / 2P
   Overcurrent Protection Device
RGEF1200 LITTELFUSE-RGEF1200 Datasheet
350Kb / 2P
   Overcurrent Protection Device
RGEF1200-1 LITTELFUSE-RGEF1200-1 Datasheet
274Kb / 2P
   Overcurrent Protection Device
RHEF050 LITTELFUSE-RHEF050 Datasheet
285Kb / 2P
   Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
   Overcurrent Protection Device
RHEF600 LITTELFUSE-RHEF600 Datasheet
338Kb / 2P
   Overcurrent Protection Device
RHEF700 LITTELFUSE-RHEF700 Datasheet
330Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com