Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHRF1100 Datasheet(PDF) 2 Page - Littelfuse

Part # AHRF1100
Description  Overcurrent Protection Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AHRF1100 Datasheet(HTML) 2 Page - Littelfuse

  AHRF1100 Datasheet HTML 1Page - Littelfuse AHRF1100 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: AHRF1100
DOCUMENT: SCD26639
REV LETTER: E
REV DATE: JULY 26, 2016
PAGE NO.: 2 OF 2
© 2016 Littelfuse,Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
TABLE III. AUTOMOTIVE SPECIFIC STRESS TESTS AND TEST CONDITIONS:
ELECTRICAL STRESS TESTS
TEST CONDITIONS (see note 2)
ESD Voltage Withstand
(see note 1)
25kV
Short Circuit Fault Current Durability
25 cycles, 16V, 200A
Fault Current Durability
350 cycles, 16V/100A
End-of-life Mode Verification
1750 cycles, 16V/100A
Jump Start Endurance
(see note 1)
3 cycles, 26V, 1 minute duration
Load Dump Endurance
(see note 1)
10 cycles, 86.5V
Note 1: The PolySwitch devices are tested in series with a load resistance and the voltages specified in the test
conditions are shared between the PolySwitch device and the load resistance as specified in PS400.
Note 2: Please refer to Appendix A of PS400 for the detailed test procedures.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their
own applications. Littelfuse products are not designed for, and shall not be used for, any purpose (including, without limitation, military, aerospace, medical, lifesaving,
life-sustaining or nuclear facility applications, devices intended for surgical implant into the body, or any other application in which the failure or lack of desired
operation of the product may result in personal injury, death, or property damage) other than those expressly set forth in applicable Littelfuse product documentation.
Warranties granted by Littelfuse shall be deemed void for products used for any purpose not expressly set forth in applicable Littelfuse documentation. Littelfuse shall
not be liable for any claims or damages arising out of products used in applications not expressly intended by Littelfuse as set forth in applicable Littelfuse
documentation. The sale and use of Littelfuse products is subject to Littelfuse Terms and Conditions of Sale, unless otherwise agreed by Littelfuse


Similar Part No. - AHRF1100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AHRF1100 MACOM-AHRF1100 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHRF1100 MACOM-AHRF1100 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
AHRF1100-2 MACOM-AHRF1100-2 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHRF1100-2 MACOM-AHRF1100-2 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
AHRF1100-AP MACOM-AHRF1100-AP Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - AHRF1100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
   Overcurrent Protection Device
RGEF800K LITTELFUSE-RGEF800K Datasheet
387Kb / 2P
   Overcurrent Protection Device
RGEF900 LITTELFUSE-RGEF900 Datasheet
363Kb / 2P
   Overcurrent Protection Device
RGEF900-1 LITTELFUSE-RGEF900-1 Datasheet
342Kb / 2P
   Overcurrent Protection Device
RGEF1100 LITTELFUSE-RGEF1100 Datasheet
350Kb / 2P
   Overcurrent Protection Device
RGEF1200 LITTELFUSE-RGEF1200 Datasheet
350Kb / 2P
   Overcurrent Protection Device
RGEF1200-1 LITTELFUSE-RGEF1200-1 Datasheet
274Kb / 2P
   Overcurrent Protection Device
RHEF050 LITTELFUSE-RHEF050 Datasheet
285Kb / 2P
   Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
   Overcurrent Protection Device
RHEF600 LITTELFUSE-RHEF600 Datasheet
338Kb / 2P
   Overcurrent Protection Device
RHEF700 LITTELFUSE-RHEF700 Datasheet
330Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com