Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2012TJW01-GA Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2012TJW01-GA
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2012TJW01-GA Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2012TJW01-GA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJW01-GA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Series M
Snap-In Mount Miniature Rockers
B66
B
www.nkkswitches.com
For 3 Throw (3-On)
Connected Terminals & Schematic
Pole
Model
Down
Center
Up
External Connection
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
External
connection
must be made
during field
installation.
The SP3T model utilizes a double pole
base.
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
Rocker Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2022
ON
NONE
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
M2023
ON
OFF
ON
M2025
ON
NONE
(ON)
M2028
(ON)
OFF
(ON)
M2029
ON
OFF
(ON)
Note: Terminal numbers are not
actually on the switch.
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
25
(COM)
MOUNTING FRAME
Snap-in Frame
TJ
Panel Thickness without Bezel: .039” ~ .126” (1.0mm ~ 3.2mm)
Panel Thickness with Bezel: .039” ~ .098” (1.0mm ~ 2.5mm)
CONTACT MATERIALS & RATINGS
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range.
Gold over Silver
Power Level
or Logic Level
6A @ 125V AC
or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the
same application. See Supplement section to find complete explanation of dual rating and operating range.
A
W
G
Panel Cutout for
Single Pole
without Bezel
Panel Cutout for
Double Pole
without Bezel
(18.0)
.710
(12.2)
.480
25°
(4.3)
.170
(2.54) Dia
.100
(15.9)
.626
(12.5)
.492
(15.9)
.626
(13.1)
.516
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection


Similar Part No. - M2012TJW01-GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results

Similar Description - M2012TJW01-GA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com