Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812H124C3GALT250 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1812H124C3GALT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812H124C3GALT250 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C1812H124C3GALT250 Datasheet HTML 4Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 5Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 6Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 7Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 8Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 9Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 10Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 11Page - Kemet Corporation C1812H124C3GALT250 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Table 3 – Chip Capacitor Land Pattern Design Recommendations per IPC–7351
EIA
Size
Code
Metric
Size
Code
Density Level A:
Maximum (Most)
Land Protrusion (mm)
Density Level B:
Median (Nominal)
Land Protrusion (mm)
Density Level C:
Minimum (Least)
Land Protrusion (mm)
C
Y
X
V1
V2
C
Y
X
V1
V2
C
Y
X
V1
V2
0402
1005
0.50
0.72
0.72
2.20
1.20
0.45
0.62
0.62
1.90
1.00
0.40
0.52
0.52
1.60
0.80
0603
1608
0.90
1.15
1.10
4.00
2.10
0.80
0.95
1.00
3.10
1.50
0.60
0.75
0.90
2.40
1.20
0805
2012
1.00
1.35
1.55
4.40
2.60
0.90
1.15
1.45
3.50
2.00
0.75
0.95
1.35
2.80
1.70
1206
3216
1.60
1.35
1.90
5.60
2.90
1.50
1.15
1.80
4.70
2.30
1.40
0.95
1.70
4.00
2.00
1210
3225
1.60
1.35
2.80
5.65
3.80
1.50
1.15
2.70
4.70
3.20
1.40
0.95
2.60
4.00
2.90
12101
3225
1.50
1.60
2.90
5.60
3.90
1.40
1.40
2.80
4.70
3.30
1.30
1.20
2.70
4.00
3.00
1812
4532
2.15
1.60
3.60
6.90
4.60
2.05
1.40
3.50
6.00
4.00
1.95
1.20
3.40
5.30
3.70
2220
5650
2.75
1.70
5.50
8.20
6.50
2.65
1.50
5.40
7.30
5.90
2.55
1.30
5.30
6.60
5.60
1
Only for capacitance values ≥ 22 µF
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow solder
processes. KEMET only recommends wave soldering of EIA 0603, 0805 and 1206 case sizes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component density product applications. Before adapting the minimum land pattern variations the user should perform qualification
testing based on the conditions outlined in IPC Standard 7351 (IPC–7351).
Image below based on Density Level B for an EIA 1210 case size.
Y
C
C
X
X
V1
V2
Grid Placement Courtyard
Y


Similar Part No. - C1812H124C3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812H124C3GACTU KEMET-C1812H124C3GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C1812H124C3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com