Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA931WALBICGH001 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MA931WALBICGH001
Description  MA931 Guardian 6in1 Adhesive Mount Antenna
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA931WALBICGH001 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA931WALBICGH001 Datasheet HTML 1Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 2Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 3Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 4Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 5Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 6Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 7Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 8Page - Taoglas antenna solutions MA931WALBICGH001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 133 page
background image
DSP-17-8-025/A
Page 3 of 133
2. Specification
GPS-GLONASS-GALILEO-BeiDou
Center Frequency
GPS/GALILEO:1575.42±1.023MHz
GLONASS:1602±5MHz
BeiDou:1561.098±2.046MHz
Passive Antenna Efficiency
(without cable loss)
GPS/GALILEO: 48%
GLONASS: 57%
BeiDou: 63%
Passive Antenna Average
Gain (without cable loss)
GPS/GALILEO: -3.13dBi
GLONASS: -2.39dBi
BeiDou: -1.97dBi
Passive Antenna Peak Gain
(without cable loss)
GPS/GALILEO: 1.98dBi
GLONASS: 3.01dBi
BeiDou: 3dBi
VSWR
3:1 Max
Impedance
50Ω
Axial Ratio
GPS/GALILEO:<14.02
GLONASS:<5.9
BeiDou:<9.7
Polarization
RHCP
Cable
1 meter RG174 standard, fully customizable
Connector
SMA(M) standard, fully customizable
LNA and Filter Electrical Properties
Center Frequency
GPS/GALILEO:1575.42±1.023MHz
GLONASS:1602±5MHz
BeiDou: 1561.098±2.046MHz
Output Impedance
50Ω
VSWR
< 2:1
Return Loss
10dB Min.
LNA Gain, Current Draw, and
Noise Figure@GPS
Voltage
LNA
Gain(Typ)
Current Draw(mA) Typ
Noise Figure(Typ)
Min 1.8V
28dB
7.9mA
1.13dB
Typ 3.0V
30dB
9.0mA
1.13dB
Max 5.5V
33dB
9.9mA
1.14dB
Total Specification (Through Antenna, SAW Filter, and LNA)
Frequency
1561.098±2.046MHz
1575.42±1.023MHz
1602±5MHz
Gain@3V
1561MHz:28±3dBi
1575.42MHz:28±3dBi
1602MHz:28±3dBi
Output Impedance
50Ω


Similar Part No. - MA931WALBICGH001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
MA931.A.LBICGH.001.WM TAOGLAS-MA931.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA931.W.A.LBICGH.001.WM TAOGLAS-MA931.W.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna GNSS, 2*LTE and 3*Wi-Fi
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
More results

Similar Description - MA931WALBICGH001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA931ALBICGH001 TAOGLAS-MA931ALBICGH001 Datasheet
14Mb / 135P
   MA931 Guardian 6in1 Adhesive Mount Antenna
MA931.A.LBICGH.001 TAOGLAS-MA931.A.LBICGH.001 Datasheet
11Mb / 138P
   MA931 Guardian 6in1 Adhesive Mount Antenna GNSSLTE*2Wi-Fi*3
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA931.A.LBICGH.001.WM TAOGLAS-MA931.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna
MA950ALBICG005 TAOGLAS-MA950ALBICG005 Datasheet
14Mb / 135P
   MA950 Guardian 5in1 Adhesive Mount Antenna
MA961WABICG002 TAOGLAS-MA961WABICG002 Datasheet
4Mb / 35P
   Guardian 4in1 Adhesive / Wall Mount Antenna
MA930WALBICGJ005 TAOGLAS-MA930WALBICGJ005 Datasheet
12Mb / 140P
   Guardian 6in1 Adhesive and Wall Mount Antenna LTE*2Wi-Fi*2GNSSSatellite L Band Antenna
MA931.W.A.LBICGH.001.WM TAOGLAS-MA931.W.A.LBICGH.001.WM Datasheet
11Mb / 137P
   Guardian 6in1 Wall Mount Antenna GNSS, 2*LTE and 3*Wi-Fi
MA910.A.CG.001 TAOGLAS-MA910.A.CG.001 Datasheet
4Mb / 61P
   Guardian 2 in 1 Wi-Fi MIMO Adhesive Mount Antenna
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
   Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com