Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2018TJW01-GA Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2018TJW01-GA
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2018TJW01-GA Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2018TJW01-GA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2018TJW01-GA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Series M
Miniature Rockers
B62
B
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
6A @ 125V AC & 3A @ 250V AC
4A @ 30V DC for On-None-On; 3A @ 30V DC for all other circuits
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Logic/Power Level (gold over silver):
Combines silver & gold ratings
Note: Find additional explanation of dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts and case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum for silver; 50,000 operations minimum for gold;
50,000 operations minimum for silver at 3A @ 125V AC
Angle of Throw:
25°
Materials & Finishes
Actuator Clip & Mounting Frame:
Stainless Steel
Body Frame:
Stainless steel
Case:
Diallyl phthalate resin (UL94V–0)
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Silver alloy (code W); copper with gold plating (code G); or silver alloy with gold plating (code A)
Stationary Contacts:
Silver with silver plating (code W); copper or brass with gold plating (code G);
or silver with gold plating (code A)
Terminals:
Copper or brass with silver plating; or copper or brass with gold plating
Environmental Data
Operating Temp Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Processing
Soldering:
Wave Soldering (PC version) for Gold: See Profile A in Supplement section.
Manual Soldering for Gold: See Profile A in Supplement section.
Wave Soldering (PC version) for Silver: See Profile B in Supplement section.
Manual Soldering for Silver: See Profile B in Supplement section.
Note: Actuator must be in OFF (center) position while soldering.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V–0 for case
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL ” before first dash in part number to order UL recognized switch.
All models recognized at 6A @ 125V AC, 3A @ 250V AC or 0.4VA maximum @ 28V DC maximum.
CSA: File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” before first dash in part number to order CSA certified switch.
All models certified at 6A @ 125V AC or 3A @ 250V AC or 0.4VA maximum @ 28V maximum.


Similar Part No. - M2018TJW01-GA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2018TNA NKK-M2018TNA Datasheet
332Kb / 10P
   Miniature Rockers
M2018TNG NKK-M2018TNG Datasheet
332Kb / 10P
   Miniature Rockers
M2018TNW NKK-M2018TNW Datasheet
332Kb / 10P
   Miniature Rockers
M2018TYA NKK-M2018TYA Datasheet
332Kb / 10P
   Miniature Rockers
M2018TYG NKK-M2018TYG Datasheet
332Kb / 10P
   Miniature Rockers
More results

Similar Description - M2018TJW01-GA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com