Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA12 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PA12 Datasheet HTML 1Page - Taoglas antenna solutions PA12 Datasheet HTML 2Page - Taoglas antenna solutions PA12 Datasheet HTML 3Page - Taoglas antenna solutions PA12 Datasheet HTML 4Page - Taoglas antenna solutions PA12 Datasheet HTML 5Page - Taoglas antenna solutions PA12 Datasheet HTML 6Page - Taoglas antenna solutions PA12 Datasheet HTML 7Page - Taoglas antenna solutions PA12 Datasheet HTML 8Page - Taoglas antenna solutions PA12 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SPE-11-8-092/D Page 3 of 19
For example, a module manufacturer may state that the antenna must have
less than 2dBi peak gain, but you don’t need to select an embedded antenna
that has a peak gain of less than 2dBi in free-space. This will give you a less
optimized solution. It is better to go for a slightly higher free-space peak gain
of 3dBi or more if available. Once that antenna gets integrated into your
device, performance will degrade below this 2dBi peak gain due to the effects
of GND plane, surrounding components, and device housing. If you want to
be absolutely sure, contact Taoglas and we will test. Choosing a Taoglas
antenna with a higher peak gain than what is specified by the module
manufacturer and enlisting our help will ensure you are getting the best
performance possible without exceeding the peak gain limits.


Similar Part No. - PA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12 APEX-PA12 Datasheet
215Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
326Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
202Kb / 5P
   Power Operational Amplifier
logo
List of Unclassifed Man...
PA12 ETC2-PA12 Datasheet
565Kb / 5P
   Power Operational Amplifier
PA120T ETC2-PA120T Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
More results

Similar Description - PA12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA11 ETC2-PA11 Datasheet
869Kb / 18P
   2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
logo
Taoglas antenna solutio...
PA11 TAOGLAS-PA11 Datasheet
1Mb / 19P
   2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
logo
Pulse A Technitrol Comp...
W3613 PULSE-W3613 Datasheet
1Mb / 14P
   2.4GHz SMT PIFA Antenna
logo
Taoglas antenna solutio...
PA.22A TAOGLAS-PA.22A_17 Datasheet
1Mb / 19P
   TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
PA22A TAOGLAS-PA22A Datasheet
1Mb / 19P
   Tri-band Cellular Dielectric PIFA Antenna
logo
List of Unclassifed Man...
PA22A ETC2-PA22A Datasheet
1Mb / 21P
   GSM Dielectric PIFA Antenna
logo
Molex Electronics Ltd.
2119640001 MOLEX-2119640001 Datasheet
39Kb / 1P
   2.4GHz / 5GHz Ceramic Loop SMT Antenna
2065130001 MOLEX-2065130001 Datasheet
40Kb / 1P
   2.4GHz SMT Ceramic Antenna, 3.00mm by 3.00mm
2065140001 MOLEX-2065140001 Datasheet
38Kb / 1P
   2.4GHz / 5GHz SMT Ceramic Antenna, 4.00mm by 3.00mm
0479480001 MOLEX-0479480001_V01 Datasheet
49Kb / 1P
   2.4GHz SMT MID Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com