Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52744 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M52744
Description  I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52744 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M52744 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52744 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MITSUBISHI ICs (Monitor)
M52743SP/M52744SP
I2C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
6
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Test
point
(s)
Input
CTL
voltage
BUS CTL (H)
Limits
Unit
2,6,11
RGB
in
1
OSD
BLK
4,9,13
OSD
in
19
CP in
27
ReT
BLK
7
SOG
in
30
Bri-
ght
15
ABL
00H
Main
cont
01H
Sub
cont
1
02H
Sub
cont
2
03H
Sub
cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
Min. Typ. Max.
TDS-R
Sync output
delay time2
Sync
OUT
aa
aaa
b
SG4
2.0 5.0
0
60
90
ns
VOH
D/A H output
voltage
D/A
OUT
aa
aaa
a
2.0 5.0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
4.5
5.0
5.5
VDC
VOL
D/A L output
voltage
D/A
OUT
aa
aaa
a
2.0 5.0
00H
0
00H
0
00H
0
00H
0
0
0.5
1.0
VDC
IAO
D/A output
current range
D/A
OUT
aa
aaa
a
2.0 5.0
Vari
abl
e
Vari
abl
e
Vari
abl
e
Vari
abl
e
-1.0
0.4
mA
DNL
D/A
nonlinearity
D/A
OUT
aa
aaa
a
2.0 5.0
Vari
abl
e
Vari
abl
e
Vari
abl
e
Vari
abl
e
-1.0
1.0
LSB
ELECTRICAL CHARACTERISTICS TEST METHOD
ICC1 Circuit current1
Measuring conditions are as listed in supplementary Table.
Mesured with a current meter at test point IA.
ICC2 Circuit current2
Measureing conditions are as listed in supplemtary Table.
Measured with a current meter at test point IB.
Vomax Output dynamic range
Decrease V30 gradually, and measure the voltage when the bottom
of waveform output is distorted. The voltage is called VCL.
Next, increase V30 gradually, and measure the voltage when the
top of waveform output is distorted. The voltage is called VOH.
Voltage Vomax is calculated by the equation below:
Vomax = VOH-VOL
Vimax Maximum input
Increase the input signal (SG2) amplitude gradually, starting from
700mVP-P. Measure the amplitude of the input signal when the
output signal starts becoming distorted.
Gv Maximum gain
Input SG1, and read the amplitude output at OUT (29, 32, 35). The
amplitude is called VOUT (29, 32, 35). Maximum gain GV is
calculated by the equation below:
∆Gv Relative maximum gain
Relative maximum gain
∆GV is calculated by the equation bellow:
∆GV= VOUT (29)/VOUT (32),
VOUT (32)/VOUT (35),
VOUT (35)/VOUT (29)
VC1 Main contrast control characteristics1
Measureing the amplitude output at OUT (29, 32, 35). The
measured value is called VOUT (29, 32, 35). Main contrast control
characterics VC1 is calculated by the equation bellow:
∆VC1 Main contrast control relative characteristics1
Relative characteristics
∆VC1 is calculated by the equation bellow:
∆VC1=VOUT (29)/VOUT (32),
VOUT (32)/VOUT (35),
VOUT (35)/VOUT (29)
VC2 Main contrast control characteristics2
Measuring condition and procedure are the same as described in
VC1.
∆VC2 Main contrast control relative characteristics2
Measuring condition and procedure are the same as described in
∆VC1.
VC3 Main contrast control characteristics3
Measuring condition and procedure are the same as described in
VC1.
∆VC3 Main contrast control relative characteristics3
Measuring condition and procedure are the same as described in
∆VC1.
5.0
Waveform output
(V)
VOH
VOL
0.0
GV=20Log
(dB)
VOUT
0.7
VC1=20Log
(dB)
VOUT
0.7


Similar Part No. - M52744

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
More results

Similar Description - M52744

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
   160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
logo
Mitsubishi Electric Sem...
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
   2-Channel Preamplifier
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com