Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDI3632 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDI3632
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI3632 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDI3632 Datasheet HTML 1Page - Fairchild Semiconductor FDI3632 Datasheet HTML 2Page - Fairchild Semiconductor FDI3632 Datasheet HTML 3Page - Fairchild Semiconductor FDI3632 Datasheet HTML 4Page - Fairchild Semiconductor FDI3632 Datasheet HTML 5Page - Fairchild Semiconductor FDI3632 Datasheet HTML 6Page - Fairchild Semiconductor FDI3632 Datasheet HTML 7Page - Fairchild Semiconductor FDI3632 Datasheet HTML 8Page - Fairchild Semiconductor FDI3632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDB3632 / FDP3632 / FDI3632 / FDH3632 Rev. C1
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Resistive Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 0.12mH, IAS = 75A, VDD = 80V.
2: Pulse Width = 100s
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB3632
FDB3632
TO-263AB
330mm
24mm
800 units
FDP3632
FDP3632
TO-220AB
Tube
N/A
50 units
FDI3632
FDI3632
TO-262AA
Tube
N/A
50 units
FDH3632
FDH3632
TO-247
Tube
N/A
30 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
100
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 80V
-
-
1
µA
VGS = 0V
TC= 150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID=80A, VGS=10V
-
0.0075
0.009
ID =40A, VGS = 6V,
-
0.009
0.015
ID=80A, VGS=10V, TC=175
oC
-
0.018
0.022
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
6000
-
pF
COSS
Output Capacitance
-
820
-
pF
CRSS
Reverse Transfer Capacitance
-
200
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 50V
ID = 80A
Ig = 1.0mA
-
84
110
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
11
14
nC
Qgs
Gate to Source Gate Charge
-
30
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
20
-
nC
Qgd
Gate to Drain “Miller” Charge
-
20
-
nC
tON
Turn-On Time
VDD = 50V, ID = 80A
VGS = 10V, RGS = 3.6Ω
-
-
102
ns
td(ON)
Turn-On Delay Time
-
30
-
ns
tr
Rise Time
-
39
-
ns
td(OFF)
Turn-Off Delay Time
-
96
-
ns
tf
Fall Time
-
46
-
ns
tOFF
Turn-Off Time
-
-
213
ns
VSD
Source to Drain Diode Voltage
ISD = 80A
-
-
1.25
V
ISD = 40A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 75A, dISD/dt= 100A/µs-
-
64
ns
QRR
Reverse Recovered Charge
ISD = 75A, dISD/dt= 100A/µs
-
-
120
nC


Similar Part No. - FDI3632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDI3632 FAIRCHILD-FDI3632 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 80A, 9m?
logo
Inchange Semiconductor ...
FDI3632 ISC-FDI3632 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDI3632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com