Electronic Components Datasheet Search |
|
SS28V-K25075-CH Datasheet(PDF) 1 Page - Kemet Corporation |
|
SS28V-K25075-CH Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 4 page 1 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com LF0031_SS28V/H-CH • 3/28/2017 One world. One KEMET Benefits • Widevarietyofsizesandspecifications • Inductances up to 60 mH • Rated Currents up to 2.5 A • DCResistancesaslowas0.16Ω Overview TheKEMETSSCoils,SS28V/H-CHTypeAClinefiltersare offeredinawidevarietyofsizesandspecifications. Applications • Consumer Electronics • Common mode choke AC Line Filters SS Coils, SS28V/H-CH Type AC Line Filters 52 Common mode SS28V/H-08350-CH 0.95 SS28V/H-10250-CH 0.65 0.8 1.0 35 25 29.6 31.0 45 45 SS28V/H-15100-CH 0.35 1.5 10 27.6 50 SS28V/H-20075-CH 0.22 2.0 7.5 30.3 45 32.0 33.4 30.0 32.7 SS28V/H-25045-CH 0.16 0.95 0.65 0.35 0.22 0.16 0.95 0.65 0.35 0.22 0.16 2.5 0.8 1.0 1.5 2.0 2.5 0.8 1.0 1.5 2.0 2.5 4.5 30.5 45 45 45 50 45 45 45 45 50 45 45 32.9 29.6 31.0 27.6 30.3 32.0 33.4 30.0 32.7 30.5 32.9 29.6 31.0 27.6 30.3 32.0 33.4 30.0 32.7 30.5 32.9 SS28V/H-K08530-CH 53 SS28V/H-K10410-CH 41 SS28V/H-K15155-CH 15.5 SS28V/H-K20115-CH 11.5 SS28V/H-K25075-CH 7.5 SS28V/H-R08600-CH 60 SS28V/H-R10450-CH 45 SS28V/H-R15170-CH 17 SS28V/H-R20130-CH 13 SS28V/H-R25080-CH 8.0 SS Coils SS28V/H-CH Type [RoHS Compliant] • Rated voltage:250VAC • Withstanding voltage: 2400VAC (2sec between lines) • Insulation resistance: at 500VDC, more than 100M (between lines) • Thermal class: E (120˚C) • Operating temperature range (˚C): –25 to T (T=120–temperature rise) • Inductance measurement condition: 1kHz, 1V, KC530 Model DC resistance ( /line) max. Temperature rise(K) max. Inductance (mH) min. Rated current AC(A) Numbering System Series Core size ; shupe (V : vertical) Core Type (no marking stands for standard type) Rated current (08 stands for 0.8A) Inductance (350 stands for 35mH) Product type SS 28V/H - 08 350 - CH � � � � � � Shape and Dimensions [mm] bSS28V bSS28H 24 30 max. 24±0.5 20±0.5 ø0.8 30 max. 30 max. 13±0.5 22 max. 10±0.5 13 ø0.8 SS Coils SS28V/H-CH Type [RoHS Compliant] VH Weight approx.(g) Part Number System SS 28 V- R 08 600- CH Series Core Size (mm) Core Orientation Core Type Rated Current (A) Minimum Inductance (mH) Product Type SS 28 = 28.0 V- = Vertical H- = Horizontal Blank = Standard K=Highpermeability(μ≈8,000) R=Highpermeability(μ≈10,000) 0x = 0.x A (e.g., 08 = 0.8 A) xx = x.x A (e.g., 15 = 1.5 A) xx0- = xx mH (e.g., 600- = 60 mH) 0xx- = x.x mH (e.g., 045- = 4.5 mH) CH |
Similar Part No. - SS28V-K25075-CH |
|
Similar Description - SS28V-K25075-CH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |