Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5T510X477M020AHA030 Datasheet(PDF) 3 Page - Kemet Corporation

Part # R5T510X477M020AHA030
Description  T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R5T510X477M020AHA030 Datasheet(HTML) 3 Page - Kemet Corporation

  R5T510X477M020AHA030 Datasheet HTML 1Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 2Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 3Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 4Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 5Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 6Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 7Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 8Page - Kemet Corporation R5T510X477M020AHA030 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2055_T510_AUTO • 9/19/2016
33
Tantalum Surface Mount Capacitors – Automotive Grade
T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Qualification
Test
Condition
Characteristics
Endurance
85°C at rated voltage, 2,000 hours
125°C at 2/3 rated voltage, 2,000 hours
Δ C/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
125°C at 0 volts, 2,000 hours
Δ C/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL–STD–202, Method 107, Condition B, mounted,
−55C° to 125° C, 1,000 cycles
Δ C/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
−55ºC, +25ºC, +85ºC, +125ºC, +25ºC
+25°C
−55°C
+85°C
+125°C
Δ C/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
12 x IL
Surge Voltage
85°C, 1.32 x rated voltage 1,000 cycles
(125°C, 1.2 x rated voltage)
Δ C/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202, Method 204, Condition D, 10 Hz to
2,000 Hz, 20 G peak
Δ C/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit
Certification
KEMET’s Internal Qualification Plan for this Tantalum series of capacitors follows AEC–Q200 guidelines. Standard catalog
part types ordered without a specific automotive designator, i.e., suffix AUTO or four digit customer specific designator
(C-Spec), are not considered KEMET Automotive Grade tantalum capacitors.


Similar Part No. - R5T510X477M020AHA030

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5T-CT1S MSYSTEM-R5T-CT1S Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1S/Q MSYSTEM-R5T-CT1S/Q Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1W MSYSTEM-R5T-CT1W Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1W/Q MSYSTEM-R5T-CT1W/Q Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT2S MSYSTEM-R5T-CT2S Datasheet
104Kb / 3P
   Remote I/O R5 Series
More results

Similar Description - R5T510X477M020AHA030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
B45396R KEMET-B45396R Datasheet
437Kb / 12P
   Multiple Anode, Ultra-low ESR
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com