Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17JE-13370-37(D23x)-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17JE-13370-37(D23x)-FA
Description  D-Sub Connectors Straight DIP Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-13370-37(D23x)-FA Datasheet(HTML) 1 Page - DDK Ltd.

  17JE-13370-37(D23x)-FA Datasheet HTML 1Page - DDK Ltd. 17JE-13370-37(D23x)-FA Datasheet HTML 2Page - DDK Ltd. 17JE-13370-37(D23x)-FA Datasheet HTML 3Page - DDK Ltd. 17JE-13370-37(D23x)-FA Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
● Connector for crimp-wiring equipped with crimp-type press-contacts (compatible with AWG 22 to 30)
● Number of contacts : 9, 15, 25 and 37
● Ni-plated metal shell surface; beat-process to plug-connector shell
● Connection of cable and plug can be shielded by a metalize-finished hood, improving resistance
against EMI.
(Aangled hood are not applicable.)
RoHS
Compliant
RoHS
Compliant
Crimp Type
17DE Series
Rated Voltage
300V AC(r.m.s.)
Rated Current
3A / Contact
Dielectric Withstand Voltage 1,000V AC(r.m.s.)at 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
20m Ω max.
Applicable Wire
Stranded wire of AWG 22, 24, 26, 28, 30
Outer diameter of insulator : φ 0.8 to φ 1.4
Operating Temperature
- 25℃ to + 85℃
Item
Material / Finish
Block
PBT resin (UL94V-0) / Color Black
Shell
Steel / Nickel Plating
Contact
Copper alloy / Au over Nickel plating
141023
SPECIFICATIONS
FEATURE
MATERIAL/FINISH


Similar Part No. - 17JE-13370-37(D23x)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13370-37-FA DDK-17JE-13370-37-FA Datasheet
300Kb / 5P
   Straight DIP Type
17JE-13370-37D2A-FA DDK-17JE-13370-37D2A-FA Datasheet
300Kb / 5P
   Straight DIP Type
More results

Similar Description - 17JE-13370-37(D23x)-FA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
logo
DDK Ltd.
17JE DDK-17JE Datasheet
300Kb / 5P
   Straight DIP Type
logo
SUYIN USA, INC.
070448MR SUYIN-USA-070448MR Datasheet
151Kb / 1P
   D-SUB MALE R/A DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
DDK Ltd.
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
logo
SUYIN USA, INC.
070545MR SUYIN-USA-070545MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB MALE R/A DIP TYPE
070547FR SUYIN-USA-070547FR Datasheet
160Kb / 1P
   ULTRA-THIN D-SUB FEMALE R/A DIP TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com