Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP831090100C Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # FXP831090100C
Description  FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP831090100C Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button FXP831090100C Datasheet HTML 3Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 4Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 5Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 6Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 7Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 8Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 9Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 10Page - Taoglas antenna solutions FXP831090100C Datasheet HTML 11Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SPE-11-8-053/F/SS
Page 7 of 18
US Patent #9252486
3.3 Radiation Pattern
3.3.1 XZ plane (at 2400MHz)
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Free Space
w ith 1.0m m A B S
w ith 1.5m m A B S
w ith 2.0m m A B S


Similar Part No. - FXP831090100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP831090100C ETC2-FXP831090100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
More results

Similar Description - FXP831090100C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP831070100C TAOGLAS-FXP831070100C Datasheet
1Mb / 19P
   FXP.831 Freedom 2.4/4.9-6GHz Ground Coupled Antenna
logo
List of Unclassifed Man...
FXP831.09.0100C ETC2-FXP831.09.0100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831.07.0100C ETC2-FXP831.07.0100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831070100C ETC2-FXP831070100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831090100C ETC2-FXP831090100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP810090100C ETC2-FXP810090100C Datasheet
474Kb / 7P
   FXP.810 Freedom WIFI 2.4/4.9-6GHz Series Dipole Antenna
logo
Taoglas antenna solutio...
FXP810090100C TAOGLAS-FXP810090100C Datasheet
1,009Kb / 11P
   FXP.810 Freedom WIFI 2.4/4.9-6GHz Series PIFA Antenna
FXP832030458D TAOGLAS-FXP832030458D Datasheet
1Mb / 16P
   FXP832 Freedom Wi-Fi 2.4GHz and 4.9-6GHz Dipole Antenna
logo
List of Unclassifed Man...
FXP810070100C ETC2-FXP810070100C Datasheet
465Kb / 7P
   FXP.810 Freedom WIFI 2.4/4.9-6GHz Series Dipole Antenna
logo
Taoglas antenna solutio...
FXP810070100C TAOGLAS-FXP810070100C Datasheet
978Kb / 12P
   FXP.810 Freedom Wi-Fi 2.4/4.9-6GHz Series PIFA Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com