Electronic Components Datasheet Search |
|
M2019TJG07-GA Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2019TJG07-GA Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 29 page Series M Snap-In Mount Miniature Rockers B66 B www.nkkswitches.com For 3 Throw (3-On) Connected Terminals & Schematic Pole Model Down Center Up External Connection SP M2024 M2026 M2027 ON (ON) ON ON ON ON ON (ON) (ON) 2-3 5-6 2-3 5-4 2-1 5-4 External connection must be made during field installation. The SP3T model utilizes a double pole base. (out) 63 2 1 4 5 (out) (out) External Conn Common (in) Rocker Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Down Center Up Down Center Up SP M2012 M2013 M2015 M2018 M2019 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 OPEN 2-1 SPDT DP M2022 ON NONE ON 2-3 5-6 OPEN 2-1 5-4 DPDT M2023 ON OFF ON M2025 ON NONE (ON) M2028 (ON) OFF (ON) M2029 ON OFF (ON) Note: Terminal numbers are not actually on the switch. POLES & CIRCUITS 2 (COM) 1 3 4 6 1 3 25 (COM) MOUNTING FRAME Snap-in Frame TJ Panel Thickness without Bezel: .039” ~ .126” (1.0mm ~ 3.2mm) Panel Thickness with Bezel: .039” ~ .098” (1.0mm ~ 2.5mm) CONTACT MATERIALS & RATINGS Silver over Silver Power Level 6A @ 125V AC & 3A @ 250V AC Gold over Brass or Copper Logic Level 0.4VA maximum @ 28V AC/DC maximum Note: See Supplement section to find complete explanation of operating range. Gold over Silver Power Level or Logic Level 6A @ 125V AC or 0.4VA maximum @ 28V AC/DC maximum Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section to find complete explanation of dual rating and operating range. A W G Panel Cutout for Single Pole without Bezel Panel Cutout for Double Pole without Bezel (18.0) .710 (12.2) .480 25° (4.3) .170 (2.54) Dia .100 (15.9) .626 (12.5) .492 (15.9) .626 (13.1) .516 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection |
Similar Part No. - M2019TJG07-GA |
|
Similar Description - M2019TJG07-GA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |