Electronic Components Datasheet Search |
|
17JE-13370-2(D8B)A-CG Datasheet(PDF) 2 Page - DDK Ltd. |
|
17JE-13370-2(D8B)A-CG Datasheet(HTML) 2 Page - DDK Ltd. |
2 / 5 page 17JE Series Solder-Cup Termination Unit:mm http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. 2 17JE-23 □□ 0-02(D1) 17JE-13 □□ 0-02(D1)A Socket Connector Pin Connector (Solder cup Bore) n 1 Contact No. φ1.1 D 11.0 C B E 2-φ3.1 hole A Number of Contact Part Number A B C D E Socket Connector Pin Connector 9 17JE-13090-02(D1)A 17JE-23090-02(D1) 30.70 24.99 10.98 1.37 19.50 15 17JE-13150-02(D1)A 17JE-23150-02(D1) 39.00 33.32 19.20 1.37 27.75 25 17JE-13250-02(D1)A 17JE-23250-02(D1) 52.90 47.04 33.12 1.38 41.50 37 17JE-13370-02(D1)A 17JE-23370-02(D1) 69.20 63.50 49.66 1.38 57.95 ○ Solder Cup Termination Connector A3 (Solder-cup Bore) n 1 Contact No. B C D E 11.0 2-φ3.1 hole A φ1.1 17JE-13250-02(D1)A Termination Style 0: Solder Cup Style Contat Plating 2: Au(Flash) over Ni Plating Deviation D1: Standard Type Contact Material A: Phosphor Bronze(Socket Connector) Mating Style 1: Socket Connector 2: Pin Connector Plating on Shell 3: Ni Plating Number of Contact 09 15 25 37 |
Similar Part No. - 17JE-13370-2(D8B)A-CG |
|
Similar Description - 17JE-13370-2(D8B)A-CG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |