Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMA01105111 Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # IMA01105111
Description  External Iridium Marine Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

IMA01105111 Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button IMA01105111 Datasheet HTML 3Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 4Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 5Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 6Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 7Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 8Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 9Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 10Page - Taoglas antenna solutions IMA01105111 Datasheet HTML 11Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SPE-14-8-114/B/WY
Page 7 of 12
Figure 7. Radiation pattern of the antenna IMA.01 at 1621 MHz with 1 meter cable
length.
Figure 8. Radiation pattern of the antenna IMA.01 at 1626 MHz with 1 meter cable
length.


Similar Part No. - IMA01105111

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IMA0112D03 XPPOWER-IMA0112D03 Datasheet
311Kb / 4P
   DC-DC Converter
IMA0112D05 XPPOWER-IMA0112D05 Datasheet
311Kb / 4P
   DC-DC Converter
IMA0112D09 XPPOWER-IMA0112D09 Datasheet
311Kb / 4P
   DC-DC Converter
IMA0112D12 XPPOWER-IMA0112D12 Datasheet
311Kb / 4P
   DC-DC Converter
IMA0112D15 XPPOWER-IMA0112D15 Datasheet
311Kb / 4P
   DC-DC Converter
More results

Similar Description - IMA01105111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
IAA.01.121111 TAOGLAS-IAA.01.121111 Datasheet
447Kb / 8P
   External Magnetic Mount Iridium Antenna
IAA01121111 TAOGLAS-IAA01121111 Datasheet
447Kb / 8P
   External Magnetic Mount Iridium Antenna
logo
Maxtena Inc.
M1621HCT-EXT MAXTENA-M1621HCT-EXT Datasheet
294Kb / 1P
   IRIDIUM EXTERNAL MAGNET MOUNT ANTENNA
Rev 1.0
MEA-1621-SM MAXTENA-MEA-1621-SM Datasheet
1Mb / 3P
   External Iridium Antenna Screw Mount
REV A
logo
TE Connectivity Ltd
955-048-XXX TEC-955-048-XXX Datasheet
142Kb / 3P
   IRIDIUM Screw Antenna
logo
Tallysman Wireless Inc.
HC600 TALLYSMAN-HC600 Datasheet
381Kb / 2P
   HC600 Iridium Antenna
logo
TE Connectivity Ltd
956-311-1XX TEC-956-311-1XX Datasheet
296Kb / 2P
   IRIDIUM Embedded Antenna
955-047-XXX TEC-955-047-XXX Datasheet
316Kb / 3P
   IRIDIUM Magnet Antenna
logo
Tallysman Wireless Inc.
HC600E TALLYSMAN-HC600E Datasheet
401Kb / 2P
   HC600E Embedded Iridium Antenna
logo
Taoglas antenna solutio...
CGIP254A02 TAOGLAS-CGIP254A02 Datasheet
762Kb / 15P
   25mm Iridium Ceramic Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com