Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2027TJW01-SA Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2027TJW01-SA
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2027TJW01-SA Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2027TJW01-SA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2027TJW01-SA Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Series M
Snap-In Mount Miniature Rockers
B68
B
www.nkkswitches.com
Yellow
E
OPTIONAL SNAP-IN BEZELS & BEZEL COLORS
AT2107 Bezel
1
Black
A
White
B
Green
F
Blue
G
Material: Polyamide
Finish: Matte
Gray
H
AT208 Bezel
for AT070 LED
2
Material:
Polycarbonate
Finish: Glossy
Contact factory
for matte finish.
AT212 Bezel
for AT617 LED
3
Material:
Polycarbonate
Finish:
Semi-glossy
AT213 Bezel
for AT618 LED
4
Material:
Polycarbonate
Finish:
Semi-glossy
Bezel Assembly
45°
Tab
Tab
1. Pry out tab on bezel to
a 45° angle.
2. Insert switch frame under
tab and snap on bezel.
3. Push tab back into place.
4. Snap assembled bezel
and switch into panel.
(11.8)
.465
(21.5)
.846
(12.0)
.472
(15.6)
.614
(2.2)
.087
(30.2)
1.19
(19.0)
.748
(12.0)
.472
(11.8)
.465
(13.5)
.531
(15.6)
.614
(5.4) Dia
.213
(2.2)
.087
(21.5) Sq
.846
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(3.0) Dia Typ
.118
(8.0)
.315
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(21.5) Sq
.846
(5.0) Typ
.197
(8.0)
.315
(2.0) Typ
.079
Black
A
Black
A
Black
A
LED colors & specifications
on next page.
LED colors &
specifications
on next page.
LED colors &
specifications
on next page.
(15.9)
.626
(15.9)
.626
A
Single Pole Double Pole
A (12.5)mm
.492”
(13.1)mm
.516”
Single Pole Double Pole
A (12.5)mm
.492”
(13.1)mm
.516”
B (6.25)mm
.246”
(6.55)mm
.258”
(15.9)
.626
(13.8)
.543
(8.8) Dia
.346
B
A
(15.9)
.626
A
(15.9)
.626
A
Single Pole Double Pole
A (18.4)mm
.724”
(18.7)mm
.736”
Single Pole Double Pole
A (18.4)mm
.724”
(18.7)mm
.736”


Similar Part No. - M2027TJW01-SA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2027TNA NKK-M2027TNA Datasheet
332Kb / 10P
   Miniature Rockers
M2027TNG NKK-M2027TNG Datasheet
332Kb / 10P
   Miniature Rockers
M2027TNW NKK-M2027TNW Datasheet
332Kb / 10P
   Miniature Rockers
M2027TYA NKK-M2027TYA Datasheet
332Kb / 10P
   Miniature Rockers
M2027TYG NKK-M2027TYG Datasheet
332Kb / 10P
   Miniature Rockers
More results

Similar Description - M2027TJW01-SA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com