Electronic Components Datasheet Search |
|
M2016TJA01-SA Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2016TJA01-SA Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
1 / 29 page Series M Miniature Rockers B62 B www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Power Level (silver): 6A @ 125V AC & 3A @ 250V AC 4A @ 30V DC for On-None-On; 3A @ 30V DC for all other circuits Logic Level (gold): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Logic/Power Level (gold over silver): Combines silver & gold ratings Note: Find additional explanation of dual rating & operating range in Supplement section. Other Ratings Contact Resistance: 10 milliohms maximum for silver; 20 milliohms maximum for gold Insulation Resistance: 1,000 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts and case for 1 minute minimum Mechanical Life: 50,000 operations minimum Electrical Life: 25,000 operations minimum for silver; 50,000 operations minimum for gold; 50,000 operations minimum for silver at 3A @ 125V AC Angle of Throw: 25° Materials & Finishes Actuator Clip & Mounting Frame: Stainless Steel Body Frame: Stainless steel Case: Diallyl phthalate resin (UL94V–0) Movable Contactor: Phosphor bronze with silver or gold plating Movable Contacts: Silver alloy (code W); copper with gold plating (code G); or silver alloy with gold plating (code A) Stationary Contacts: Silver with silver plating (code W); copper or brass with gold plating (code G); or silver with gold plating (code A) Terminals: Copper or brass with silver plating; or copper or brass with gold plating Environmental Data Operating Temp Range: –30°C through +85°C (–22°F through +185°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Processing Soldering: Wave Soldering (PC version) for Gold: See Profile A in Supplement section. Manual Soldering for Gold: See Profile A in Supplement section. Wave Soldering (PC version) for Silver: See Profile B in Supplement section. Manual Soldering for Silver: See Profile B in Supplement section. Note: Actuator must be in OFF (center) position while soldering. Cleaning: These devices are not process sealed. Hand clean locally using alcohol based solution. Standards & Certifications Flammability Standards: UL94V–0 for case UL: File No. E44145 - Recognized only when ordered with marking on switch. Add “/U” or “/CUL ” before first dash in part number to order UL recognized switch. All models recognized at 6A @ 125V AC, 3A @ 250V AC or 0.4VA maximum @ 28V DC maximum. CSA: File No. 023535_0_000 - Certified only when ordered with marking on switch. Add “/C” before first dash in part number to order CSA certified switch. All models certified at 6A @ 125V AC or 3A @ 250V AC or 0.4VA maximum @ 28V maximum. |
Similar Part No. - M2016TJA01-SA |
|
Similar Description - M2016TJA01-SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |