Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSCM0565RJ Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSCM0565RJ
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565RJ Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSCM0565RJ Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 9Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 10Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 11Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 12Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 13Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 14Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FSCM0765R
11
2.2 Leading Edge Blanking (LEB): At the instant the
internal SenseFET is turned on, there usually exists a high
current spike through the SenseFET, caused by primary-side
capacitance and secondary-side rectifier reverse recovery.
Excessive voltage across the Rsense resistor can lead to
incorrect feedback operation in the current mode PWM
control. To counter this effect, the FSCM0765R employs a
leading edge blanking (LEB) circuit. This circuit inhibits the
PWM comparator for a short time (TLEB) after the SenseFET
is turned on.
3. Protection Circuit: The FSCM0765R has several self
protective functions such as over load protection (OLP), over
voltage protection (OVP) and thermal shutdown (TSD).
Because these protection circuits are fully integrated into the
IC without external components, the reliability can be
improved without increasing cost. Once the fault condition
occurs, switching is terminated and the SenseFET remains
off. This causes Vcc to fall. When Vcc reaches the UVLO
stop
voltage
of
8V,
the
current
consumed
by
the
FSCM0765R decreases to the startup current (typically
25uA) and the current supplied from the DC link charges the
external capacitor (Ca) that is connected to the Vcc pin.
When Vcc reaches the start voltage of 12V, the FSCM0765R
resumes its normal operation. In this manner, the auto-restart
can alternately enable and disable the switching of the power
SenseFET until the fault condition is eliminated (see Figure
19).
Figure 19. Auto Restart Operation
3.1 Over Load Protection (OLP): Overload is defined as
the load current exceeding a pre-set level due to an
unexpected event. In this situation, the protection circuit
should be activated to protect the SMPS. However, even
when the SMPS is in the normal operation, the over load
protection circuit can be activated during the load transition.
To avoid this undesired operation, the over load protection
circuit is designed to be activated after a specified time to
determine whether it is a transient situation or an overload
situation. Because of the pulse-by-pulse current limit
capability, the maximum peak current through the SenseFET
is limited, and therefore the maximum input power is
restricted with a given input voltage. If the output consumes
beyond this maximum power, the output voltage (Vo)
decreases below the set voltage. This reduces the current
through the opto-coupler LED, which also reduces the opto-
coupler transistor current, thus increasing the feedback
voltage (Vfb). If Vfb exceeds 2.5V, D1 is blocked and the
5.3uA current source (Idelay) starts to charge CB slowly up to
Vcc. In this condition, Vfb continues increasing until it
reaches 6V, when the switching operation is terminated as
shown in Figure 20. The delay time for shutdown is the time
required to charge CB from 2.5V to 6.0V with 5.3uA (Idelay).
In general, a 10 ~ 50 ms delay time is typical for most
applications.
Figure 20. Over Load Protection
3.2 Over Voltage Protection (OVP): If the secondary side
feedback circuit were to malfunction or a solder defect
caused an open in the feedback path, the current through the
opto-coupler transistor becomes almost zero. Then, Vfb
climbs up in a similar manner to the over load situation,
forcing the preset maximum current to be supplied to the
SMPS until the over load protection is activated. Because
more energy than required is provided to the output, the
output voltage may exceed the rated voltage before the over
load protection is activated, resulting in the breakdown of the
devices in the secondary side. To prevent this situation, an
over voltage protection (OVP) circuit is employed. In
general, Vcc is proportional to the output voltage and the
FSCM0765R uses Vcc instead of directly monitoring the
output voltage. If VCC exceeds 19V, an OVP circuit is
activated resulting in the termination of the switching
operation. To avoid undesired activation of OVP during
normal operation, Vcc should be designed to be below 19V.
Fault
Situation
8V
12V
Vcc
Vds
t
Fault
occurs
Fault
removed
Normal
Operation
Normal
Operation
Power
on
V
FB
t
2.5V
6.0V
Over Load Protection
T
12= Cfb*(6.0-2.5)/Idelay
T
1
T
2


Similar Part No. - FSCM0565RJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565RJ FAIRCHILD-FSCM0565RJ Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSCM0565RJ FAIRCHILD-FSCM0565RJ Datasheet
468Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0565RJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com