Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC240090300K Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # PC240090300K
Description  Embedded T-Bar 433MHz Adhesive/Screw Mounted Helical Dipole with 0.3M RG316 MMCX(M)RA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC240090300K Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button PC240090300K Datasheet HTML 5Page - Taoglas antenna solutions PC240090300K Datasheet HTML 6Page - Taoglas antenna solutions PC240090300K Datasheet HTML 7Page - Taoglas antenna solutions PC240090300K Datasheet HTML 8Page - Taoglas antenna solutions PC240090300K Datasheet HTML 9Page - Taoglas antenna solutions PC240090300K Datasheet HTML 10Page - Taoglas antenna solutions PC240090300K Datasheet HTML 11Page - Taoglas antenna solutions PC240090300K Datasheet HTML 12Page - Taoglas antenna solutions PC240090300K Datasheet HTML 13Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SPE-15-8-011/A/WY
Page 9 of 15
5. Drawing


Similar Part No. - PC240090300K

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC240.09.0300K TAOGLAS-PC240.09.0300K Datasheet
935Kb / 15P
   Low profile-only 3mm in thickness
logo
Powertip Technology
PC2402-A POWERTIP-PC2402-A Datasheet
75Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2402-L POWERTIP-PC2402-L Datasheet
69Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PC2402A-O P-TEC-PC2402A-O Datasheet
35Kb / 2P
   Character Display
PC2402B-O P-TEC-PC2402B-O Datasheet
40Kb / 2P
   Character Display
More results

Similar Description - PC240090300K

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
897616790 MOLEX-897616790 Datasheet
54Kb / 1P
   MMCX PLUG RA TO MMCX PLUG RA ON RG316 CA-MMCX, EWR-3874
2009/01/08
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A Datasheet
1Mb / 8P
   MMCX(M) RA Connector
logo
Pulse A Technitrol Comp...
W1076 PULSE-W1076 Datasheet
985Kb / 8P
   433MHz Swivel Stick Dipole ?밪MA-M
W3127 PULSE-W3127_14 Datasheet
1Mb / 4P
   ISM 433MHz Helical Antenna
W3127 PULSE-W3127 Datasheet
478Kb / 4P
   ISM 433MHz Helical Antenna
W1099 PULSE-W1099 Datasheet
1Mb / 8P
   470-510 MHz RA Stick Dipole ?밪MA-M
logo
Taoglas antenna solutio...
GSA.8822.B.301111 TAOGLAS-GSA.8822.B.301111_17 Datasheet
2Mb / 21P
   T-Bar 4G/3G/2G antenna with 3M adhesive
logo
Linx Technologies
ANT-868-MHW LINX-ANT-868-MHW Datasheet
765Kb / 8P
   868 MHz Helical Dipole LPWA Antenna
2020
logo
List of Unclassifed Man...
HA.31.A ETC2-HA.31.A Datasheet
3Mb / 24P
   Embedded Helical Monopole Antenna
HA.21.A ETC2-HA.21.A Datasheet
2Mb / 25P
   Embedded Helical Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com