Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSCM0565RI Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSCM0565RI
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565RI Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSCM0565RI Datasheet HTML 6Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 9Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 10Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 11Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 12Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 13Page - Fairchild Semiconductor FSCM0565RI Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FSCM0765R
10
Functional Description
1. Startup: Figure 16 shows the typical startup circuit and
transformer
auxiliary
winding
for
the
FSCM0765R
application. Before the FSCM0765R begins switching, it
consumes only startup current (typically 25uA) and the
current supplied from the DC link supply current consumed
by the FPS (Icc), and charges the external capacitor (Ca) that
is connected to the Vcc pin. When Vcc reaches start voltage
of 12V (VSTART), the FSCM0765R begins switching, and the
current consumed by FSCM0765R increases to 3mA. Then,
the FSCM0765R continues its normal switching operation
and the power required for this device is supplied from the
transformer auxiliary winding, unless Vcc drops below the
stop voltage of 8V (VSTOP). To guarantee the stable operation
of the control IC, Vcc has under voltage lockout (UVLO)
with 4V hysteresis. Figure 17 shows the relation between the
current consumed by the FPS (Icc) and the supply voltage
(Vcc).
Figure 16. Startup Circuit
Figure 17. Relation Between O
perating Supply Current
and Vcc Voltage
The minimum current supplied through the startup resistor is
given by
where Vline
min is the minimum input voltage, Vstart is the
start voltage (12V) and Rstr is the startup resistor. The startup
resistor should be chosen so that Isup
min is larger than the
maximum startup current (40uA). If not, Vcc can not be
charged to the start voltage and FPS will fail to start up.
2. Feedback Control: The FSCM0765R employs current
mode control, as shown in Figure 18. An opto-coupler (such
as the H11A817A) and a shunt regulator (such as the
KA431) are typically used to implement the feedback
network. Comparing the feedback voltage with the voltage
across the Rsense resistor makes it possible to control the
switching duty cycle. When the reference pin voltage of the
KA431 exceeds the internal reference voltage of 2.5V, the
H11A817A LED current increases, thus pulling down the
feedback voltage and reducing the duty cycle. This event
typically happens when the input voltage is increased or the
output load is decreased.
2.1 Pulse-by-pulse Current Limit: Because current mode
control is employed, the peak current through the SenseFET
is determined by the inverting input of the PWM comparator
(Vfb*) as shown in Figure 18. When the current through the
opto transistor is zero and the current limit pin (#5) is left
floating, the feedback current source (IFB) of 0.9mA flows
only through the internal resistor (R+2.5R=2.8k). In this
case, the cathode voltage of diode D2 and the peak drain
current have maximum values of 2.5V and 3A, respectively.
The pulse-by-pulse current limit can be adjusted using a
resistor to GND on the current limit pin (#5). The current
limit level using an external resistor (RLIM) is given by:
Figure 18. Pulse Width Modulation (PWM) Circuit
FSCM 0765R
Rstr
V
CC
Ca
Da
I
SUP
AC line
(V
line
min
- V
line
max )
C
DC
I
CC
I
CC
V
CC
Vstop=8V
25uA
3mA
Vstart=12V
Vz
Power Up
Power Down
I
sup
min
2V
line
min
V
start
()
1
R
str
------------
=
I
LIM
R
LIM
3A
2.8k
Ω R
LIM
+
------------------------------------
=
4
OSC
Vcc
Vref
I
delay
I
FB
V
SD
R
2.5R
Gate
driver
OLP
D1
D2
+
V
fb*
-
Vfb
KA431
C
B
Vo
H11A817A
R
sense
SenseFET
6
R
LI M
0.9mA
0.3k


Similar Part No. - FSCM0565RI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565RI FAIRCHILD-FSCM0565RI Datasheet
468Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565RIWDTU FAIRCHILD-FSCM0565RIWDTU Datasheet
468Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0565RI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com