Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17JE-43250-2(D8C)-CG Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17JE-43250-2(D8C)-CG
Description  17JE Series Hood Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-43250-2(D8C)-CG Datasheet(HTML) 1 Page - DDK Ltd.

  17JE-43250-2(D8C)-CG Datasheet HTML 1Page - DDK Ltd. 17JE-43250-2(D8C)-CG Datasheet HTML 2Page - DDK Ltd. 17JE-43250-2(D8C)-CG Datasheet HTML 3Page - DDK Ltd. 17JE-43250-2(D8C)-CG Datasheet HTML 4Page - DDK Ltd. 17JE-43250-2(D8C)-CG Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
・Solder-cup termination contact for manual soldering.
・Number of contact is 9, 15, 25 and 37.
・Stranded cable AWG22 is applicable to this connector. Please use the soldering iron of 40W (max.)
・The metal shell is in Nickel plating. The pin connectors of metal shell are beat-finished.
・Connection of cable and plug can be shielded by the metarize-finished hood, improving resistance
against EMI shield.
RoHS
Compliant
RoHS
Compliant
D-Sub Connectors Solder Cup Termination
17JE Series
Rated Voltage
300V AC (r.m.s.)
Rated Current
5A / Contact
Dielectric Withstanding Voltage 1000V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
10m Ω (max.)
Applicable Cable
Solid Cable AWG20(max.),
Stranded Cable AWG22(max.)
Operating Temperature
-25℃~ 85℃
Item
Material / Finish
Insulator
PBT Resin (UL94V-0)/ White
Shell
Steel / Ni Plating
Contact
Copper Alloy / Au over Ni Plating
Hood
ABS Resin / Ni Plating
Lock Screw
Steel or Copper Alloy / Ni Plating
170616
SPECIFICATIONS
FEATURES
MATERIAL / FINISH
Conforming
Standard
MIL-DTL-24308


Similar Part No. - 17JE-43250-2(D8C)-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-43250-02D8A2-CG DDK-17JE-43250-02D8A2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43250-02D8A2A-CG DDK-17JE-43250-02D8A2A-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43250-02D8A6-CG DDK-17JE-43250-02D8A6-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43250-02D8A6A-CG DDK-17JE-43250-02D8A6A-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43250-02D8B2-CG DDK-17JE-43250-02D8B2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
More results

Similar Description - 17JE-43250-2(D8C)-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13090-02(D8A)A-CG DDK-17JE-13090-02(D8A)A-CG Datasheet
938Kb / 5P
   17JE Series Hood Kit
logo
Harwin Plc
G125-96406F1 HARWIN-G125-96406F1 Datasheet
83Kb / 1P
   G125 J-TEK SERIES HOOD KIT
G125-9640600 HARWIN-G125-9640600 Datasheet
75Kb / 1P
   G125 J-TEK SERIES HOOD KIT
logo
List of Unclassifed Man...
SDC15AG ETC2-SDC15AG Datasheet
97Kb / 1P
   DB15 HD26 HOOD KIT
logo
Harwin Plc
M80-8801098 HARWIN-M80-8801098 Datasheet
69Kb / 1P
   DATAMATE CABLE HOOD ASSEMBLY/KIT
logo
CONEC Elektronische Bau...
16-002200 CONEC-16-002200 Datasheet
108Kb / 1P
   Kit Encoding Connection f. Hood Snap Lock Kit Kodier-Rastbolzen
02.02.15
3024W7PAR99F40X CONEC-3024W7PAR99F40X Datasheet
73Kb / 1P
   KIT with PLASTIC HOOD and D-SUB MALE
26.09.13
logo
Amphenol Communications...
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
   NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
   NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
logo
Festo Corporation.
572258 FESTO-572258 Datasheet
66Kb / 1P
   Hood
7/21/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com