Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17JE-43370-2(D8C)-CG Datasheet(PDF) 3 Page - DDK Ltd.

Part # 17JE-43370-2(D8C)-CG
Description  17JE Series Hood Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-43370-2(D8C)-CG Datasheet(HTML) 3 Page - DDK Ltd.

  17JE-43370-2(D8C)-CG Datasheet HTML 1Page - DDK Ltd. 17JE-43370-2(D8C)-CG Datasheet HTML 2Page - DDK Ltd. 17JE-43370-2(D8C)-CG Datasheet HTML 3Page - DDK Ltd. 17JE-43370-2(D8C)-CG Datasheet HTML 4Page - DDK Ltd. 17JE-43370-2(D8C)-CG Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
17JE Series Solder-Cup Termination
Unit:mm
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Deviation
  D8 A x
○ D-Sub Connectors with Cable Hood Kit
3
32.2
24.99
18.2
22.2
Lock Screw 
Cable Dia. φ7.5(max.)
7
8
5 4
3
2
40.5
33.32
30
Lock Screw
14 13 12
15
9
10
11
7 6
8
3
4
1
5
2
Cable Dia. φ8.0(max.)
54.0
47.04
35
7
8
3
4
2
5
6
9
11 10
12
13
23 22 21 20 19 18 17 16 15 14
24
25
Lock Screw
Cable Dia. φ9(max.)
5
70.5
63.5
42
Lock Screw
Cable Dia. φ10.5(max.)
7
8
3
4
2
5
6
9
11 10
12
13
20
19 18 17 16 15 14
26
27
22
23
21
24
25
28
30 29
31
32
37 36 35 34 33
9 contact
(Less Boot)
15 contact
25 contact
37 contact
17JE-13250-02(D8Ax)A-CG
Mating Style
 1: Socket Connector (for Standard Cable)
 2: Pin Connector (for Standard Cable)
 3: Socket Connector (for Slim Cable)
 4: Pin Connector (for Slim Cable)
Terminattion
0 : Solder-cup
Contact Plating
2: Au(Flash) over Ni Plating
Plating on Shell
3: Ni Plating
Number of Contact
09, 15, 25, 37
Lead and Cadmium Free
  A-CG : Lead and Cadmium Free
(Socket Connector)
   -CG : Lead and Cadmium Free
(Pin Connector)
Straight Hood
Nickel Plating Metarised-finish
Thread
A:M2.6×0.45
B:M3×0.5
C:# 4-40UNC
Lock Screw
No Digit:Standard
2, 6 : Refer to page 7
※ Dimension is including the connector.
Connector with Cable Hood Kit
Socket Connector
EMI Shielded


Similar Part No. - 17JE-43370-2(D8C)-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-43370-02D8A2-CG DDK-17JE-43370-02D8A2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43370-02D8A2A-CG DDK-17JE-43370-02D8A2A-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43370-02D8A6-CG DDK-17JE-43370-02D8A6-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43370-02D8A6A-CG DDK-17JE-43370-02D8A6A-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-43370-02D8B2-CG DDK-17JE-43370-02D8B2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
More results

Similar Description - 17JE-43370-2(D8C)-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13090-02(D8A)A-CG DDK-17JE-13090-02(D8A)A-CG Datasheet
938Kb / 5P
   17JE Series Hood Kit
logo
Harwin Plc
G125-96406F1 HARWIN-G125-96406F1 Datasheet
83Kb / 1P
   G125 J-TEK SERIES HOOD KIT
G125-9640600 HARWIN-G125-9640600 Datasheet
75Kb / 1P
   G125 J-TEK SERIES HOOD KIT
logo
List of Unclassifed Man...
SDC15AG ETC2-SDC15AG Datasheet
97Kb / 1P
   DB15 HD26 HOOD KIT
logo
Harwin Plc
M80-8801098 HARWIN-M80-8801098 Datasheet
69Kb / 1P
   DATAMATE CABLE HOOD ASSEMBLY/KIT
logo
CONEC Elektronische Bau...
16-002200 CONEC-16-002200 Datasheet
108Kb / 1P
   Kit Encoding Connection f. Hood Snap Lock Kit Kodier-Rastbolzen
02.02.15
3024W7PAR99F40X CONEC-3024W7PAR99F40X Datasheet
73Kb / 1P
   KIT with PLASTIC HOOD and D-SUB MALE
26.09.13
logo
Amphenol Communications...
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
   NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
   NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
logo
Festo Corporation.
572258 FESTO-572258 Datasheet
66Kb / 1P
   Hood
7/21/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com