Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXL2T245L10X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FXL2T245L10X
Description  Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL2T245L10X Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FXL2T245L10X Datasheet HTML 1Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 2Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 3Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 4Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 5Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 6Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 7Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 8Page - Fairchild Semiconductor FXL2T245L10X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
AC Load Table
Note: Input tR = tF = 2.0 ns, 10% to 90%
Input tR = tF = 2.5ns, 10% to 90%, @ VI = 3.0V to 3.6V only
FIGURE 2. Waveform for Inverting
and Non-Inverting Functions
Note: Input tR = tF = 2.0 ns, 10% to 90%
Input tR = tF = 2.5ns, 10% to 90%, @ VI = 3.0V to 3.6V only
FIGURE 3. 3-STATE Output Low Enable
and Disable Times for Low Voltage Logic
Note: Input tR = tF = 2.0 ns, 10% to 90%
Input tR = tF = 2.5ns, 10% to 90%, @ VI = 3.0V to 3.6V only
FIGURE 4. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
Note: For Vmi: VCCI = VCCA for Control Pins T/R and OE, or VCCA/2
TEST
SWITCH
tPLH, tPHL
OPEN
tPLZ, tPZL
VCCO x 2 at VCCO = 3.3 ± 0.3V, 2.5V ± 0.2V,
1.8V
± 0.15V, 1.5V ± 0.1V, 1.2V ± 0.1V
tPHZ, tPZH
GND
VCCO
CL
RL
Rtr1
1.2V
± 0.1V
15 pF
2 k
2 k
1.5V
± 0.1V
15 pF
2 k
2 k
1.8V
± 0.15V
15 pF
2 k
2 k
2.5V
± 0.2V
15 pF
2 k
2 k
3.3V
± 0.3V
15 pF
2 k
2 k
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.1V
1.2V
± 0.1V
Vmi
VCCI/2
VCCI/2
VCCI/2
VCCI/2
VCCI/2
Vmo
VCCO/2
VCCO/2
VCCO/2
VCCO/2
VCCO/2
VX
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V
VOH − 0.1V
VOH − 0.1V
VY
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VOL + 01V
VOL + 01V


Similar Part No. - FXL2T245L10X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL2T245L10X ONSEMI-FXL2T245L10X Datasheet
728Kb / 13P
   Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
April 2014 Rev. 1.0.2
More results

Similar Description - FXL2T245L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com