Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G751-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G751-1
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G751-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G751-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers G751-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ver: 2.2
Nov 07 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G751
Global Mixed-mode Technology Inc.
Digital Temperature Sensor and Thermal Watchdog
with Two-Wire Interface
Features
SMBus interface
Programmable Trip Point (TOS) and Hysteresis
(THYST)
Separate open-drain output pin operates as
interrupt or comparator at output
Register readback capability
Power up defaults permit stand-alone opera-
tion as thermostat
Shutdown mode to minimize power consump-
tion
Up to 8 G751s can be connected to a single
bus
Key Specifications
Supply Voltage
3.0V to 5.5V
Supply Current
operating
280µA (typ)
1mA (max)
shutdown
2µA(typ)
Temperature Accuracy
-25°C to 100°C
±2°C (max)
-55°C to 125°C
±3°C (max)
Applications
System Thermal Management
Personal Computers
Office Electronics
Electronic Test Equipment
Pin Configuration
General Description
The G751 is a temperature sensor, Delta-Sigma
analog-to-digital converter, and digital over- tem-
perature detector with SMBus interface. The host
can query the G751 at any time to read temperature.
The open-drain Over temperature Shutdown (O.S.)
output becomes active when the temperature ex-
ceeds a programmable limit. This pin can operate in
either “Comparator” or “Interrupt” mode.
The host can program both the temperature alarm
threshold (TOS) and the temperature at which the
alarm condition goes away (THYST). In addition, the
host can read back the contents of the G751’s TOS
and THYST registers. The sensor powers up in Com-
parator mode with default thresholds of 50°C TOS
45°C THYST. for G751-1 and 80°C TOS , 75°C THYST
for G751-2.
Ordering Information
PART
TOS THYST
Transport Media
PACKAGE
G751-1
50°C/45°C 2500 Units on Tape and Reel
8 SOP
G751-2 80°C /75°C 2500 Units on Tape and Reel
8 SOP
Typical Application
SMBDATA
8Pin SOP
1
2
3
45
6
7
8
G751
+Vs
A0
A1
A2
SMBCLK
O.S.
GND
G751
+V
S 3V to 5.5V
Typical Bypass 0.1 µF
(Unless mounted close
to Processor)
To Processor
Interrupt Line
O.S. Set for active low for
wire OR’d multiple
interrupt line
Address(Set as
desired)
Interface
8
3
O.S. Out
4
7
6
5
1
2
A0
A1
A2
SMBDATA
SMBCLK
SMBDATA
8Pin SOP
1
2
3
45
6
7
8
G751
+Vs
A0
A1
A2
SMBCLK
O.S.
GND
SMBDATA
8Pin SOP
1
2
3
45
6
7
8
G751
+Vs
A0
A1
A2
SMBCLK
O.S.
GND
G751
+V
S 3V to 5.5V
Typical Bypass 0.1 µF
(Unless mounted close
to Processor)
To Processor
Interrupt Line
O.S. Set for active low for
wire OR’d multiple
interrupt line
Address(Set as
desired)
Interface
8
3
O.S. Out
4
7
6
5
1
2
A0
A1
A2
SMBDATA
SMBCLK
G751
+V
S 3V to 5.5V
Typical Bypass 0.1 µF
(Unless mounted close
to Processor)
To Processor
Interrupt Line
O.S. Set for active low for
wire OR’d multiple
interrupt line
Address(Set as
desired)
Interface
8
3
O.S. Out
4
7
6
5
1
2
A0
A1
A2
SMBDATA
SMBCLK


Similar Part No. - G751-1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Similar Description - G751-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com