Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC6005 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GBPC6005
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBPC6005 Datasheet(HTML) 1 Page - Vishay Siliconix

  GBPC6005 Datasheet HTML 1Page - Vishay Siliconix GBPC6005 Datasheet HTML 2Page - Vishay Siliconix GBPC6005 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VISHAY
GBPC6005 thru GBPC610
Document Number 88613
10-Dec-04
Vishay Semiconductors
www.vishay.com
1
Case Style GBPC6
~
~
~
~
Glass Passivated Single-Phase Bridge Rectifier
Major Ratings and Characteristics
IF(AV)
6 A
VRRM
50 V to 1000 V
IFSM
175 A
IR
5 µA
VF
1.0 V
Tj max.
150 °C
Features
• UL Recognition file number E54214
• Ideal for printed circuit boards
• Typical IR less than 0.5 µA
• High surge current capability
• High case dielectric strength 1500 VRMS
• Meets MSL level 1, per J-STD-020C
Typical Applications
General purpose use in ac-to-dc bridge full wave rec-
tification for Power Supply, Home Appliances, Office
Equipment, Industrial Automation applications
Mechanical Data
Case: GBPC6
Epoxy meets UL-94V-0 Flammability rating
Terminals: Silver plated (E4 Suffix) leads, solderable
per J-STD-002B and MIL-STD-750, Method 2026
Polarity: As marked, Positive lead by belevled corner
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
Maximum Ratings
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
GBPC
6005
GBPC
601
GBPC
602
GBPC
604
GBPC
606
GBPC
608
GBPC
610
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward TC = 50 °C
(1)(2)
rectified output current at
TA = 40 °C
(3)
IF(AV)
6.0
3.0
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
175
A
Rating for fusing (t < 8.3 ms)
I2t
127
A2sec
Operating junction and storage temperature
range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - GBPC6005

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBPC6005 CHENYI-GBPC6005 Datasheet
205Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBPC6005 GE-GBPC6005 Datasheet
84Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC6005 TAITRON-GBPC6005 Datasheet
210Kb / 4P
   6.0A Glass Passivated Bridge Rectifier
logo
Vishay Siliconix
GBPC6005 VISHAY-GBPC6005 Datasheet
99Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
MIC GROUP RECTIFIERS
GBPC6005 MIC-GBPC6005 Datasheet
70Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC6005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com