Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP60A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GPP60A
Description  Glass Passivated Junction Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP60A Datasheet(HTML) 1 Page - Vishay Siliconix

  GPP60A Datasheet HTML 1Page - Vishay Siliconix GPP60A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPP60A thru GPP60G
Vishay Semiconductors
formerly General Semiconductor
Document Number 88886
www.vishay.com
16-Mar-04
1
New Product
Glass Passivated Junction
Plastic Rectifiers
Reverse Voltage 50 to 400 V
Forward Current 6.0 A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symb.
GPP60A
GPP60B
GPP60D
GPP60G
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
V
Maximum RMS voltage
VRMS
35
70
140
280
V
Maximum DC blocking voltage
VDC
50
100
200
400
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
6.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
500
A
superimposed on rated load
Typical thermal resistance(1)
RθJA
20
RθJL
4
°C/W
Operating junction and storage temperature range
TJ,TSTG
–55 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symb.
GPP60A
GPP60B
GPP60D
GPP60G
Unit
Maximum instantaneous forward voltage at 6.0A
VF
1.1
V
Maximum reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
100
µA
Maximum reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
5.5
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
110
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• 6.0 Ampere operation at TA=55°C with no thermal
runaway
• Typical IR less than 0.2µA
• High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case: P600, molded plastic over glass passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.07 ounce, 2.0 grams
0.052 (1.32)
0.048 (1.22)
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Dimensions in inches and (millimeters)
Case Style P600


Similar Part No. - GPP60A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP60A CHENG-YI-GPP60A Datasheet
113Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
70Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 18-Aug-09
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
83Kb / 4P
   Glass Passivated Junction Plastic Rectifier
08-Feb-17
GPP60A VISHAY-GPP60A_09 Datasheet
70Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 18-Aug-09
More results

Similar Description - GPP60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
   Glass Passivated Junction Plastic Rectifiers
Revision: 03-Apr-08
BY251GP VISHAY-BY251GP Datasheet
34Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
17-Dec-02
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Gulf Semiconductor
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com