Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP60B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GPP60B
Description  Glass Passivated Junction Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP60B Datasheet(HTML) 2 Page - Vishay Siliconix

  GPP60B Datasheet HTML 1Page - Vishay Siliconix GPP60B Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GPP60A thru GPP60G
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88886
2
16-Mar-04
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Fig. 4 – Typical Reverse
Characteristics
1
10
100
0
10
100
1
0.1
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
50
100
100
10
10
0.01
Percent of Rated Peak Reverse Voltage (%)
0.3
0.4
0.5
Fig. 3 – Typical Instantaneous
Forward Characteristics
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
0
2
4
6
8
25
50
75
100
125
150
175
Fig. 1 – Forward Current
Derating Curve
Ambient Temperature (°C)
50
100
150
200
250
300
350
400
450
500
550
0.6
0.7
0.8
0.9
1
1.1
20
30
40
60
70
80
90
0.1
1
1000
1
10
100
Fig. 5 – Typical Junction
Capacitance
Reverse Voltage (V)
10
100
1000
0.1
Tj = 25°C
Tj = 100°C
Tj = 175°C
Tj = 150°C
Tj = 25°C
Tj = 100°C
Tj = 150°C
Tj = 175°C


Similar Part No. - GPP60B

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP60B CHENG-YI-GPP60B Datasheet
113Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP60B VISHAY-GPP60B Datasheet
70Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 18-Aug-09
logo
Shenzhen Taychipst Elec...
GPP60B TAYCHIPST-GPP60B Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Vishay Siliconix
GPP60B VISHAY-GPP60B Datasheet
83Kb / 4P
   Glass Passivated Junction Plastic Rectifier
08-Feb-17
More results

Similar Description - GPP60B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
   Glass Passivated Junction Plastic Rectifiers
Revision: 03-Apr-08
BY251GP VISHAY-BY251GP Datasheet
34Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
17-Dec-02
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Gulf Semiconductor
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com