Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA108301F21 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # AA108301F21
Description  Titan GPS/GALILEO Antenna AA.108
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AA108301F21 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  AA108301F21 Datasheet HTML 1Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 2Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 3Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 4Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 5Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 6Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 7Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 8Page - Taoglas antenna solutions AA108301F21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPE-13-8-017/A/SS
Page 3 of 12
2. Electrical Specifications
Ceramic Patch
Outline Dimension
25*25*4mm
Ground Size
25*25*4mm
Center Frequency
1575.42±3MHz
Bandwidth
10MHz
VSWR
1.92 Max
Axial ratio
3dB Typ.
Gain @ Zenith
2dBic Typ.
Impedance
50Ω
Polarization
RHCP
LNA
Frequency
1575.42MHz
Impedance
50Ω
VSWR
1.92 Max.
DC Power Input
1.8V
2.5V
2.7V
3.3V
5V
12V
Gain
21.8dB
28dB
29dB
31dB
Noise Figure
1.4dB
1.38dB
1.3dB
Power Consumption
4.5mA
6.6mA
7mA
Band Attenuation
40dB @fo±50MHz
Operating temp
-40°C ~ +85°C
Storage Temp
-40°C ~ +90°C
*Formula = Patch Antenna Average Gain + LNA typical gain – RG174 cable loss @1.2dB
per meter = Gain at connector
Gain at the Connector - Patch Gain 2dB + LNA Gain 30dB – Cable loss of 1.2dB per metre
(@3m = 3.6dB) = 28.4dB approx.


Similar Part No. - AA108301F21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA108301F21 ETC2-AA108301F21 Datasheet
1Mb / 12P
   Titan GPS Antenna AA.108
More results

Similar Description - AA108301F21

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA108301111 TAOGLAS-AA108301111 Datasheet
614Kb / 8P
   Titan GPS/GALILEO Antenna AA.108
logo
List of Unclassifed Man...
AA108301111 ETC2-AA108301111 Datasheet
1Mb / 11P
   Titan GPS Antenna AA.108
AA108301F21 ETC2-AA108301F21 Datasheet
1Mb / 12P
   Titan GPS Antenna AA.108
logo
Taoglas antenna solutio...
AA105301111 TAOGLAS-AA105301111 Datasheet
1Mb / 9P
   Titan GPS/GALILEO Antenna AA.105
AA106301111 TAOGLAS-AA106301111 Datasheet
389Kb / 8P
   Titan GPS/GALILEO Antenna AA.106
logo
List of Unclassifed Man...
AA105301111 ETC2-AA105301111 Datasheet
1Mb / 10P
   Titan GPS Antenna AA.105
AA106301111 ETC2-AA106301111 Datasheet
198Kb / 4P
   Titan GPS Antenna AA.106
logo
Taoglas antenna solutio...
AA105301621 TAOGLAS-AA105301621 Datasheet
1Mb / 11P
   Titan GPS/GALILEO Antenna AA.105 3M RG174 Fakra Code C Blue SMB(F)
logo
List of Unclassifed Man...
AA105301621 ETC2-AA105301621 Datasheet
1Mb / 9P
   Titan GPS Antenna AA.105 3M RG174 Fakra Code C Blue SMB
logo
Raltron Electronics Cor...
RST-8002200-P-75-SMAM-G RALTRON-RST-8002200-P-75-SMAM-G Datasheet
142Kb / 1P
   GPS AND GALILEO ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com